công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5381 bảng dữ liệu(PDF) 15 Page - Cirrus Logic

tên linh kiện CS5381
Giải thích chi tiết về linh kiện  120 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5381 bảng dữ liệu(HTML) 15 Page - Cirrus Logic

Back Button CS5381 Datasheet HTML 11Page - Cirrus Logic CS5381 Datasheet HTML 12Page - Cirrus Logic CS5381 Datasheet HTML 13Page - Cirrus Logic CS5381 Datasheet HTML 14Page - Cirrus Logic CS5381 Datasheet HTML 15Page - Cirrus Logic CS5381 Datasheet HTML 16Page - Cirrus Logic CS5381 Datasheet HTML 17Page - Cirrus Logic CS5381 Datasheet HTML 18Page - Cirrus Logic CS5381 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DS563F2
15
CS5381
3. APPLICATIONS
3.1
Operational Mode/Sample Rate Range Select
The output sample rate, Fs, can be adjusted from 2 kHz to 216 kHz. The CS5381 must be set to the proper
speed mode via the mode pins, M1 and M0. Refer to Table 1.
3.2
System Clocking
The device supports operation in either Master Mode, where the left/right and serial clocks are synchronous-
ly generated on-chip, or Slave Mode, which requires external generation of the left/right and serial clocks.
The device also includes a master clock divider in Master Mode where the master clock will be internally
divided prior to any other internal circuitry when MDIV is enabled, set to logic 1. In Slave Mode, the MDIV
pin needs to be disabled, set to logic 0.
3.2.1
Master Mode
In Master mode, LRCK and SCLK operate as outputs. The left/right and serial clocks are internally derived
from the master clock with the left/right clock equal to Fs and the serial clock equal to 64x Fs, as shown
in Figure 23. Refer to Table 2 for common master clock frequencies.
M1 (Pin 14)
M0 (Pin 13)
MODE
Output Sample Rate (Fs)
00
Single-Speed Mode
2 kHz - 54 kHz
01
Double-Speed Mode
50 kHz - 108 kHz
10
Quad-Speed Mode
100 kHz - 216 kHz
11
Reserved
Table 1. CS5381 Mode Control
÷ 128
÷ 256
÷ 64
M0
M1
LRCK Output
(Equal to Fs)
Single
Speed
Quad
Speed
Double
Speed
00
01
10
÷ 2
÷ 4
÷ 1
SCLK Output
Single
Speed
Quad
Speed
Double
Speed
00
01
10
÷ 2
÷ 1
0
1
MCLK
MDIV
Figure 23. CS5381 Master Mode Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com