công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB256M16CP-EKB bảng dữ liệu(PDF) 8 Page - Nanya Technology Corporation.

tên linh kiện NT5CB256M16CP-EKB
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB256M16CP-EKB bảng dữ liệu(HTML) 8 Page - Nanya Technology Corporation.

Back Button NT5CB256M16CP-EKB Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB256M16CP-EKB Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB256M16CP-EKB Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB256M16CP-EKB Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB256M16CP-EKB Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB256M16CP-EKB Datasheet HTML 9Page - Nanya Technology Corporation. NT5CB256M16CP-EKB Datasheet HTML 10Page - Nanya Technology Corporation. NT5CB256M16CP-EKB Datasheet HTML 11Page - Nanya Technology Corporation. NT5CB256M16CP-EKB Datasheet HTML 12Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 164 page
background image
DDR3(L) 4Gb SDRAM
NT5CB(C)512M8CN / NT5CB(C)256M16CP
Version 1.7
8
Nanya Technology Cooperation ©
04/2015
All Rights Reserved.
Ball Descriptions
Symbol
Type
Function

Input
Clock: CK and  are differential clock inputs. All address and control input signals are sampled
on the crossing of the positive edge of CK and negative edge of .
CKE
Input
Clock Enable: CKE high activates, and CKE low deactivates, internal clock signals and device
input buffers and output drivers. Taking CKE low provides Precharge Power-Down and
Self-Refresh operation (all banks idle), or Active Power-Down (row Active in any bank). CKE is
synchronous for power down entry and exit and for Self-Refresh entry. CKE is asynchronous for
Self-Refresh exit. After VREF has become stable during the power on and initialization sequence,
it must be maintained for proper operation of the CKE receiver. For proper self-refresh entry and
exit, VREF must maintain to this input. CKE must be maintained high throughout read and write
accesses. Input buffers, excluding CK, , ODT and CKE are disabled during Power Down. Input
buffers, excluding CKE, are disabled during Self-Refresh.

Input
Chip Select: All commands are masked when  is registered high.  provides for external
rank selection on systems with multiple memory ranks.  is considered part of the command
code.
RA, A, WE
Input
Command Inputs: RA, A and WE (along with ) define the command being entered.
For x8,
DM
For x16,
DMU, DML
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is
sampled HIGH coincident with that input data during a Write access. DM is sampled on both
edges of DQS. For x8 device, the function of DM or TDQS/T is enabled by Mode Register
A11 setting in MR1.
BA0 - BA2
Input
Bank Address Inputs: BA0, BA1, and BA2 define to which bank an Active, Read, Write or
Precharge command is being applied. Bank address also determines which mode register is to be
accessed during a MRS cycle.
A10 / AP
Input
Auto-Precharge: A10 is sampled during Read/Write commands to determine whether
Autoprecharge should be performed to the accessed bank after the Read/Write operation. (HIGH:
Autoprecharge; LOW: no Autoprecharge). A10 is sampled during a Precharge command to
determine whether the Precharge applies to one bank (A10 LOW) or all banks (A10 HIGH). If only
one bank is to be precharged, the bank is selected by bank addresses.
For x8,
A0 – A15
For x16,
A0 – A14
Input
Address Inputs: Provide the row address for Activate commands and the column address for
Read/Write commands to select one location out of the memory array in the respective bank.
(A10/AP and A12/ have additional function as below.) The address inputs also provide the
op-code during Mode Register Set commands.
A12/
Input
Burst Chop: A12/is sampled during Read and Write commands to determine if burst chop
(on the fly) will be performed. (HIGH - no burst chop; LOW - burst chopped).
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to the
DDR3 SDRAM. When enabled, ODT is applied to each DQ, DQS, and DM/TDQS, NU/T
(when TDQS is enabled via Mode Register A11=1 in MR1) signal for x8 configurations. The ODT
pin will be ignored if Mode-registers, MR1and MR2, are programmed to disable RTT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com