công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-DINA bảng dữ liệu(PDF) 15 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-DINA
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA bảng dữ liệu(HTML) 15 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 11Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 12Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 13Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 14Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 15Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 16Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 17Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 18Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 19Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 160 page
background image
Version 2.2
15
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Register Definition
Programming the Mode Registers
For application flexibility, various functions, features, and modes are programmable in four Mode Registers, provided by the
DDR3(L) SDRAM, as user defined variables and they must be programmed via a Mode Register Set (MRS) command. As
the default values of the Mode Registers (MR#) are not defined, contents of Mode Registers must be fully initialized and/or
re-initialized, i.e. written, after power up and/or reset for proper operation. Also the contents of the Mode Registers can be
altered by re-executing the MRS command during normal operation. When programming the mode registers, even if the
user chooses to modify only a sub-set of the MRS fields, all address fields within the accessed mode register must be
redefined when the MRS command is issued. MRS command and DLL Reset do not affect array contents, which mean
these commands can be executed any time after power-up without affecting the array contents.
The mode register set command cycle time, tMRD is required to complete the write operation to the mode register and is the
minimum time required between two MRS commands shown as below.
tMRD Timing
CK
CK
CKE
Do not
Care
Time break
MRS
NOP
NOP
NOP
NOP
CMD
VAL
VAL
ADDR
tMRD
MRS
The MRS command to Non-MRS command delay, tMOD, is require for the DRAM to update the features except DLL reset,
and is the minimum time required from an MRS command to a non-MRS command excluding NOP and DES shown as the
following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com