công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-DINA bảng dữ liệu(PDF) 144 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-DINA
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA bảng dữ liệu(HTML) 144 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 140Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 141Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 142Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 143Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 144Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 145Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 146Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 147Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 148Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 160 page
background image
Version 2.2
144
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Parameter
Symbol
DDR3(L)-1600
DDR3(L)-1866
DDR3-2133
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Calibration Timing
Power-up and RESET calibration time
tZQINIT
tZQINITmin: max(512tCK, 640ns)
tZQINITmax: -
Normal operation Full calibration time
tZQOPER
tZQOPERmin: max(256tCK, 320ns)
tZQOPERmax: -
Normal operation Short calibration time
tZQCS
tZQCSmin: max(64 tCK, 80ns)
tZQCSmax: -
Reset Timing
Exit Reset from CKE HIGH to a valid
command
tXPR
tXPRmin.: max(5 tCK, tRFC(min) + 10ns)
tXPRmax.: -
Self Refresh Timings
Exit Self Refresh to commands not requiring
a locked DLL
tXS
tXSmin.: max(5 tCK, tRFC (min) + 10ns)
tXSmax.: -
Exit Self Refresh to commands requiring a
locked DLL
tXSDLL
tXSDLLmin.: tDLLK(min)
tXSDLLmax.: -
nCK
Minimum CKE low width for Self Refresh
entry to
exit timing
tCKESR
tCKESRmin.: tCKE(min) + 1 tCK
tCKESRmax.: -
Valid Clock Requirement after Self Refresh
Entry (SRE) or Power-Down Entry (PDE)
tCKSRE
tCKSREmin.: max(5 tCK, 10 ns)
tCKSREmax.: -
Valid Clock Requirement before Self
Refresh Exit (SRX) or Power-Down Exit
(PDX) or Reset Exit
tCKSRX
tCKSRXmin.: max(5 tCK, 10 ns)
tCKSRXmax.: -
Power Down Timings
Exit Power Down with DLL on to any valid
command; Exit Precharge Power Down with
DLL frozen to commands not requiring a
locked DLL
tXP
max(3tCK
,6ns)
-
max(3tCK
,6ns)
-
max(3tCK
,6ns)
-
CKE minimum pulse width
tCKE
max(3tCK
5ns)
-
max(3tCK
,5ns)
-
max(3tCK
,5ns)
-
Exit Precharge Power Down with DLL frozen
to commands requiring a locked DLL
tXPDLL
tXPDLLmin.: max(10tCK, 24ns)
tXPDLLmax.: -
Command pass disable delay
tCPDED
tCPDEDmin.: 1
tCPDEDmax.:
-
tCPDEDmin.: 2
tCPDEDmax.:
-
nCK
Power Down Entry to Exit Timing
tPD
tPDmin.: tCKE(min)
tPDmax.: 9*tREFI
Timing of ACT command to Power Down
entry
tACTPDEN
tACTPDENmin.: 1
tACTPDENmax.: -
nCK
Timing of PRE or PREA command to Power
Down entry
tPRPDEN
tPRPDENmin.: 1
tPRPDENmax.: -
nCK
Timing of RD/RDA command to Power
Down entry
tRDPDEN
tRDPDENmin.: RL+4+1
tRDPDENmax.: -
nCK
Timing of WR command to Power Down
entry (BL8OTF, BL8MRS, BC4OTF)
tWRPDEN
tWRPDENmin.: WL + 4 + (tWR /tCK(avg))
tWRPDENmax.: -
nCK
Timing of WRA command to Power Down
entry (BL8OTF, BL8MRS, BC4OTF)
tWRAPDEN
tWRAPDENmin.: WL+4+WR+1
tWRAPDENmax.: -
nCK
Timing of WR command to Power Down
entry (BC4MRS)
tWRPDEN
tWRPDENmin.: WL + 2 + (tWR /tCK(avg))
tWRPDENmax.: -
nCK
Timing of WRA command to Power Down
entry (BC4MRS)
tWRAPDEN
tWRAPDENmin.: WL + 2 +WR + 1
tWRAPDENmax.: -
nCK
Timing of REF command to Power Down
entry
tREFPDEN
tREFPDENmin.: 1
tREFPDENmax.: -
nCK
Timing of MRS command to Power Down
entry
tMRSPDEN
tMRSPDENmin.: tMOD(min)
tMRSPDENmax.: -
ODT Timings
ODT turn on Latency
ODTLon
WL-2=CWL+AL-2
nCK
ODT turn off Latency
ODTLoff
WL-2=CWL+AL-2
nCK
ODT high time without write command or
with write command and BC4
ODTH4
ODTH4min.: 4
ODTH4max.: -
nCK
ODT high time with Write command and BL8
ODTH8
ODTH8min.: 6
ODTH8max.: -
nCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com