công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC256M16DP-DII bảng dữ liệu(PDF) 21 Page - Nanya Technology Corporation.

tên linh kiện NT5CC256M16DP-DII
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16DP-DII bảng dữ liệu(HTML) 21 Page - Nanya Technology Corporation.

Back Button NT5CC256M16DP-DII Datasheet HTML 17Page - Nanya Technology Corporation. NT5CC256M16DP-DII Datasheet HTML 18Page - Nanya Technology Corporation. NT5CC256M16DP-DII Datasheet HTML 19Page - Nanya Technology Corporation. NT5CC256M16DP-DII Datasheet HTML 20Page - Nanya Technology Corporation. NT5CC256M16DP-DII Datasheet HTML 21Page - Nanya Technology Corporation. NT5CC256M16DP-DII Datasheet HTML 22Page - Nanya Technology Corporation. NT5CC256M16DP-DII Datasheet HTML 23Page - Nanya Technology Corporation. NT5CC256M16DP-DII Datasheet HTML 24Page - Nanya Technology Corporation. NT5CC256M16DP-DII Datasheet HTML 25Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 163 page
background image
DDR3(L) 4Gb SDRAM
NT5CB(C)512M8DN / NT5CB(C)256M16DP
Version 2.3
21
Nanya Technology Cooperation ©
02/2017
All Rights Reserved.
Mode Register MR1
The Mode Register MR1 stores the data for enabling or disabling the DLL, output driver strength, Rtt_Nom impedance,
additive latency, WRITE leveling enable, TDQS enable and Qoff. The Mode Register 1 is written by asserting low on
,
RA, A, WE high on BA0 and low on BA1 and BA2, while controlling the states of address pins according to the following
figure.
MR1 Definition
BA2
BA1
BA0
A15-A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
0
0
Qoff TDQS
0
Rtt_Nom
0
Level Rtt_Nom D.I.C
Rtt_Nom
D.I.C DLL
A11
TDQS
A9
A6
A2
A4
A3
0
Disabled
0
0
0
0
0
1
Enabled
0
0
1
0
1
0
1
0
1
0
BA1
BA0
MR select
0
1
1
1
1
0
0
MR0
1
0
0
0
1
MR1
1
0
1
A0
1
0
MR2
1
1
0
0
1
1
MR3
1
1
1
1
A7
A5
A1
0
0
0
1
0
1
1
0
1
1
A12
0
1
Output buffer disabled
RZQ/12
RZQ/8
Reserved
Reserved
AL
Disabled
CL-1
CL-2
Reserved
AL
DLL Enable
Enable
Disable
RZQ/6
Reserved
Qoff
Output buffer enabled
Output Driver Impedance
RZQ/7
Reserved
Write Leveling enable
Disabled
RZQ/4
Disabled
Enabled
MR select
Rtt_Nom
RZQ/2
RZQ/6
* 1 : BA2 and A8, A10, and A13 ~ A15 are RFU and must be programmed to 0 during MRS.
*2: Outputs disabled - DQs, DQSs,
s.
*3: RZQ = 240
*4: In Write leveling Mode (MR1[bit7] = 1) with MR1[bit12]=1, all RTT_Nom settings are allowed; in Write Leveling Mode (MR1[bit7]
= 1) with MR1[bit12]=0, only RTT_Nom settings of RZQ/2, RZQ/4 and RZQ/6 are allowed.
*5: If RTT_Nom is used during Writes, only the values RZQ/2, RZQ/4 and RZQ/6 are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com