| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD813F1A-70UI bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F1A-70UI bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 110 page ![]() 33/110 PSD813F1 PAGE REGISTER The 8-bit Page Register increases the addressing capability of the microcontroller by a factor of up to 256. The contents of the register can also be read by the microcontroller. The outputs of the Page Register (PGR0-PGR7) are inputs to the DPLD decoder and can be included in the Flash Memory, EEPROM, and SRAM chip select equations. If memory paging is not needed, or if not all 8 page register bits are needed for memory paging, then these bits may be used in the CPLD for general logic. Figure 14 shows the Page Register. The eight flip flops in the register are connected to the internal data bus D0-D7. The microcontroller can write to or read from the Page Register. The Page Regis- ter can be accessed at address location CSIOP + E0h. Figure 14. Page Register RESET D 0-D 7 R/W D0 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 D1 D2 D3 D4 D5 D6 D7 PAGE REGISTER PGR0 PGR1 PGR2 PGR3 Flash DPLD AND Flash CPLD INTERNAL SELECTS AND LOGIC PLD PGR4 PGR5 PGR6 PGR7 AI09224 |