| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NM1482KSLAXCL bảng dữ liệu(PDF) 43 Page - Nanya Technology Corporation. |
|
|
|||||||||||||||||||||||||||||
NM1482KSLAXCL bảng dữ liệu(HTML) 43 Page - Nanya Technology Corporation. |
|
43 / 119 page ![]() Version 1.3 43 Nanya Technology Corp. 06/2018 All Rights Reserved. © 4Gb SLC NAND + 2Gb LPDDR2 NM1482KSLAXCL NTC Proprietary Level: Property When a Reset (FFh) command is input during erasing When a Reset (FFh) command is input during Read operation When a Reset (FFh) command is input during Ready When a Status Read command (70h) is input after a Reset When two or more Reset commands are input in succession |