| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9DB202CFLFT bảng dữ liệu(PDF) 2 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9DB202CFLFT bảng dữ liệu(HTML) 2 Page - Integrated Circuit Systems |
|
2 / 11 page ![]() 9DB202CG www.icst.com/products/hiperclocks.html REV. A OCTOBER 6, 2004 2 Integrated Circuit Systems, Inc. ICS9DB202 PCI EXPRESS™ JITTER ATTENUATOR TABLE 2. PIN CHARACTERISTICS TABLE 3A. RATIO OF OUTPUT FREQUENCY TO INPUT FREQUENCY FUNCTION TABLE, FS0 l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U C N I e c n a t i c a p a C t u p n I 4F p R P U L L U P r o t s i s e R p u ll u P t u p n I 1 5K Ω R N W O D L L U P r o t s i s e R n w o d ll u P t u p n I 1 5K Ω s t u p n Is t u p t u O 0 S F0 X E I C P 04 / 5 11 TABLE 1. PIN DESCRIPTIONS r e b m u Ne m a Ne p y Tn o i t p i r c s e D 1W B _ L L Pt u p n Ip u ll u P. s l e v e l e c a f r e t n i L T T V L / S O M C V L . t u p n i h t d i w d n a B L L P s t c e l e S 2K L Ct u p n In w o d ll u P. t u p n i k c o l c l a i t n e r e f f i d g n i t r e v n i - n o N 3K L C nt u p n I / p u ll u P n w o d ll u P V . t u p n i k c o l c l a i t n e r e f f i d g n i t r e v n I D D . g n i t a o l f t f e l n e h w t l u a f e d 2 / 40 S Ft u p n Ip u ll u P. s l e v e l e c a f r e t n i L T T V L / S O M C V L . n i p t c e l e s y c n e u q e r F 6 1 , 2 1 , 9 , 5V D D r e w o P. s n i p y l p p u s e r o C 5 1 , 6D N Gr e w o P. d n u o r g y l p p u s r e w o P 8 , 7 , 0 T X E I C P 0 C X E I C P t u p t u O. s l e v e l e c a f r e t n i L S C H . s r i a p t u p t u o l a i t n e r e f f i D 1 1 , 0 11 E O n , 0 E O nt u p n In w o d ll u P . e t a t s Z i H o t s t u p t u o s e c r o f , H G I H n e h W . e l b a n e t u p t u O . s l e v e l e c a f r e t n i L T T V L / S O M C V L . s t u p t u o s e l b a n e , W O L n e h W 4 1 , 3 1 , 1 C X E I C P 1 T X E I C P t u p t u O. s l e v e l e c a f r e t n i L S C H . s r i a p t u p t u o l a i t n e r e f f i D 7 11 S Ft u p n In w o d ll u P. s l e v e l e c a f r e t n i L T T V L / S O M C V L . n i p t c e l e s y c n e u q e r F 8 1F E R It u p n I 5 7 4 ( r o t s i s e r n o i s i c e r p d e x i f A Ω a s e d i v o r p d n u o r g o t n i p s i h t m o r f ) . s t u p t u o k c o l c X E I C P e d o m - t n e r r u c l a i t n e r e f f i d r o f d e s u t n e r r u c e c n e r e f e r 9 1S S A P Y Br e w o Pn w o d ll u P . e d o m L L P , W O L n e h w , e d o m s s a p y b . H G I H n e h W . n i p S S A P Y B . s l e v e l e c a f r e t n i L T T V L / S O M C V L 0 2V A D D r e w o P4 2 s e r i u q e R . n i p y l p p u s g o l a n A Ω . r o t s i s e r s e i r e s : E T O N p u ll u P d n a n w o d ll u P . s e u l a v l a c i p y t r o f , s c i t s i r e t c a r a h C n i P , 2 e l b a T e e S . s r o t s i s e r t u p n i l a n r e t n i o t r e f e r TABLE 3B. RATIO OF OUTPUT FREQUENCY TO INPUT FREQUENCY FUNCTION TABLE, FS1 s t u p n Is t u p t u O 1 S F1 X E I C P 01 14 / 5 TABLE 3D. OUTPUT ENABLE FUNCTION TABLE, NOE0 s t u p n Is t u p t u O 0 E O n0 X E I C P 0d e l b a n E 1Z i H TABLE 3E. OUTPUT ENABLE FUNCTION TABLE, NOE1 s t u p n Is t u p t u O 1 E O n1 X E I C P 0d e l b a n E 1Z i H TABLE 3F. PLL BANDWIDTH TABLE s t u p n I h t d i w d n a B W B _ L L P 0z H k 0 0 5 1z H M 1 TABLE 3C. BYPASS TABLE s t u p n I e d o M S S A P Y B 0e d o M L L P 1 e d o M s s a p y B ) s t u p n i = t u p t u o ( |