công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP03AL220S05LSW bảng dữ liệu(PDF) 3 Page - Toppower Electronic Technology Limited

tên linh kiện TP03AL220S05LSW
Giải thích chi tiết về linh kiện  3W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPPOWER [Toppower Electronic Technology Limited]
Trang chủ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AL220S05LSW bảng dữ liệu(HTML) 3 Page - Toppower Electronic Technology Limited

  TP03AL220S05LSW Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AL220S05LSW Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AL220S05LSW Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP03AL Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 3 of 3
TYPICAL APPLICATION CIRCUIT
Notes:
1.C2 is a ceramic capacitor to filter out high frequency noise.C3 is High-frequency low-resistance electrolytic capacitor ,TVS tube in the module
exception protection after the circuit, it is recommended to use.
2. In the general application, Its not mandatory to use the common-mode inductance within the dashed box;
You can use this common-mode inductance (L=30mH) to meet the higher EMC requirements.
3. For technical support, please contact our engineers.
Application circuit parameter typical value
Part Number
R
MOV
L
C1
C2
CX
CY
C3
TVS Tube
TP03AL220S03LSW
10
Ω/2W
10D561K
2mH
4.7µF
/450V
104K/50V
104K
/275Vac
1nF
/400Vac
330uF/16V
SMBJ7.0A
TP03AL220S05LSW
30
Ω/1W
TP03AL220S09LSW
SMBJ12A
TP03AL220S12LSW
220uF/16V
SMBJ20A
TP03AL220S15LSW
150uF/25V
SMBJ30A
TP03AL220S24LSW
150uF/35V
SELECTION GUIDE
TP 03
A
L 220 S 05 LSW
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
TOPPOWER



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com