| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA9210 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9210 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 24 page ![]() STV9553 18/24 10.10 Conclusion Video response is always a compromise between several parameters. For example, the rise/fall time improvement leads to the overshoot deterioration. The recommended way to optimize the video response is: 1 To set R10+R11 for arcing protection (min. 300 Ω) 2. To adjust R20 and R10+R11. Increasing their value increases the tR/tF values and decrease the overshoot 3. To adjust L1 Increasing L1 speeds up the device but increases the overshoot. 4. To adjust the input network for the final dynamic tunning (e.g.: critical damping) We recommend our customers to use the schematic shown on Figure 23 as a starting point for the video board and then to apply the optimization they need. |