công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STV9556 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện STV9556
Giải thích chi tiết về linh kiện  12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9556 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button STV9556 Datasheet HTML 14Page - STMicroelectronics STV9556 Datasheet HTML 15Page - STMicroelectronics STV9556 Datasheet HTML 16Page - STMicroelectronics STV9556 Datasheet HTML 17Page - STMicroelectronics STV9556 Datasheet HTML 18Page - STMicroelectronics STV9556 Datasheet HTML 19Page - STMicroelectronics STV9556 Datasheet HTML 20Page - STMicroelectronics STV9556 Datasheet HTML 21Page - STMicroelectronics STV9556 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
STV9553
18/24
10.10 Conclusion
Video response is always a compromise between several parameters. For example, the rise/fall time
improvement leads to the overshoot deterioration.
The recommended way to optimize the video response is:
1
To set R10+R11 for arcing protection (min. 300
Ω)
2. To adjust R20 and R10+R11.
Increasing their value increases the
tR/tF values and decrease the overshoot
3. To adjust L1
Increasing L1 speeds up the device but increases the overshoot.
4. To adjust the input network for the final dynamic tunning (e.g.: critical damping)
We recommend our customers to use the schematic shown on Figure 23 as a starting point for the video
board and then to apply the optimization they need.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24