công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF88132DA bảng dữ liệu(PDF) 58 Page - NXP Semiconductors

tên linh kiện PCF88132DA
Giải thích chi tiết về linh kiện  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88132DA bảng dữ liệu(HTML) 58 Page - NXP Semiconductors

Back Button PCF88132DA Datasheet HTML 54Page - NXP Semiconductors PCF88132DA Datasheet HTML 55Page - NXP Semiconductors PCF88132DA Datasheet HTML 56Page - NXP Semiconductors PCF88132DA Datasheet HTML 57Page - NXP Semiconductors PCF88132DA Datasheet HTML 58Page - NXP Semiconductors PCF88132DA Datasheet HTML 59Page - NXP Semiconductors PCF88132DA Datasheet HTML 60Page - NXP Semiconductors PCF88132DA Datasheet HTML 61Page - NXP Semiconductors PCF88132DA Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
2004 Mar 05
58
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
8
−
0
0
0
0
1
1
0
0
display control: set normal
mode (D = 1 and E = 0)
9
−
0
0
0
1
0
1
1
0
display configuration
(DO = 0)
−
00000100
10
−
I2C-bus start
restart: to write into the
display RAM the D/C must
be set to logic 1, therefore a
control byte is needed
11
−
0
1
1
1
1
SA1
SA0
0
slave address for write
12
−
0
1
0
0
0
0
0
0
control byte with cleared
CO bit and D/C set to
logic 1
13
10001111
−
data write: Y and X are
initialized to 0 by default, so
they are not set here
14
10000001
−
data write
15
10000011
−
data write
16
10000000
−
data write
17
10001111
−
data write
18
10000010
−
data write
19
10001111
−
data write
20
I2C-bus start
restart
21
−
0
1
1
1
1
SA1
SA0
0
slave address for write
22
−
1
control byte with set CO bit
and D/C set to logic 0
STEP
SERIAL BUS BYTE
DISPLAY
OPERATION
D/C
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MGS405
MGS406
MGS407
MGS407
MGS409
MGS410
MGS411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72