công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GPCE4XXXX bảng dữ liệu(PDF) 40 Page - Generalplus Technology Inc.

tên linh kiện GPCE4XXXX
Giải thích chi tiết về linh kiện  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENERALPLUS [Generalplus Technology Inc.]
Trang chủ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4XXXX bảng dữ liệu(HTML) 40 Page - Generalplus Technology Inc.

Back Button GPCE4XXXX Datasheet HTML 36Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 37Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 38Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 39Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 40Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 41Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 42Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 43Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 44Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
40
Jun. 26, 2017
Version: 1.1
9.4 Application Circuit without Regulator, PLL6M and XTAL32K Selected
RESETB
IOA[15:0]
IOA[15:0]
IOB[15:0]
0.1uF
VMIC
MICP
MICN
0.1uF
VADREF
X32I
X32O
32768Hz
25 pF *1
VCOIN
7.5K
3300pF
47nF
25 pF*1
RESETB
AUDN
AUDP
8
Ω SPEAKER
0. 1 uF
10uF
VSS_REG
V33_REG
0.1uF
10uF
V33_ADC
VSS_ADC
VDD_IOB
VDD_IOA
VSS_IOB
VSS_IOA
VDD_PDAC
VDD_DAC
Application Circuit(LINE_IN )
VSS_PDAC
VDD_REG
*2
IOC[15:0]
VDD_IOC
VSS_IOC
V27_REG
2.2uF
VSS_USB
VSS_INT
VDD_USB
VDD_INT
*3
*3
*4
*4
IOB[7:0]
IOB[7:0]
(8-Channel Line_In)
(2.4V~5.5V)
2.2uF
(2.4V~3.6V)
3.3V
IOB[15:0]
IOC[15:0]
Note1: These capacitor values are for design guidance only. The recommended 32K XTAL features are ESR=11.2~60K and CL1=CL2 =26~36pF (including
PCB parasitic loading, for example, user should apply additional 20~30pF on X32I and X32O if PCB parasitic loading is 6pF).
Note2: V33_REG is output of built-in regulator with maximum current 60mA.
It is recommended that only use it for internal power pad.
Note3: VSS_USB and VDD_USB are supported by body (ref. to
“6 SIGNAL DESCRIPTIONS”). It is recommended that the supplied power of VDD_USB
uses external power instead of V33_REG.
Note4: VSS_INT and VDD_INT are supported by body (ref. to
“6 SIGNAL DESCRIPTIONS”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com