công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC5902 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện AMC5902
Giải thích chi tiết về linh kiện  6CH Motor Driver for CD-ROM, DVD-ROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

AMC5902 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AMC5902 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC5902 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC5902 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC5902 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC5902 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC5902 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC5902 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC5902 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMC5902 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AMC DOC. #: AMC5902_B
AMC5902
March 2004
Copyright
 2003, 2004 ADD Microtech Corp
8
www.addmtek.com
6CH Motor Driver for
CD-ROM, DVD-ROM
APPLICATION INFORMATION
Spindle channel
The spindle motor torque is controlled by the differential voltage of SPIN and VREF. The voltage gain, AV_SP ,
is 1.0(V/V).
The limitation function starts to take effect when the differential voltage of VCC1 and CSSP is over 0.47V.
Current gain is equal to AV_SP / RSP.
Slide channel
The slide motor torque is controlled by the differential voltage of IN1SL (IN2SL) and VREF. The voltage gain, AV_SL ,
is 0.5(V/V).
The limitation function starts to take effect when the differential voltage of VCC3-CS1(CS2) is over 0.47V.
Current gain is equal to AV_SL / RSL.
Gain expression
Spindle
Slide
Input-output gain Gm(A/V)
1.0/Rsp
0.5/RsL
Output-limit current
0.47/Rsp
0.47/RsL
Gain with the added resistor Gm(A/V)
15k/[(R1+15k)xRSP]
0.5x15k/[(R1+47k)xRSL]
CS1
(CS2)
IN1SL
(IN2SL)
RSL
R1
GND
CNTL
VCC3
M
Reverse
Forward
SO1+
(SO2+)
SO1-
(SO2-)
CNTL-VREF (V)
HB
HU+
HU-
HV+
HV-
HW+
HW-
U
V
W
CSSP
SPIN
RSP
R1
PGND1,2
CNTL
VCC1
VCC2
Iop
VI1=150mV, VI2=110mV,
VI4=-150mV, VI3=-110mV
Gm(+)=(VO1-VO2)/(150-110)/0.33
Gm(-)=(VO4 -VO3)/(150-110)/0.33
Spindle driver
Slide driver
VI1=250mV, VI2=130mV,
VI4=-250mV, VI3=-130mV
Gm(+)=(VO1-VO2)/(250-130)/0.5
Gm(-)=(VO4 -VO3)/(250-130)/0.5
Forward
Dead zone
Current gain
Reverse
VO4/RsL
VO1/RsL
VO2/RsL
VO3/RsL
VI4
VI3
VI2
VI1
Iosp
IOSL
Iop..the peak current of Iosp or IoSL
Iop
Iosp or IOSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com