công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GPES282A bảng dữ liệu(PDF) 6 Page - Generalplus Technology Inc.

tên linh kiện GPES282A
Giải thích chi tiết về linh kiện  Easy-to-use SOUNDPLUS (256KB OTP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENERALPLUS [Generalplus Technology Inc.]
Trang chủ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPES282A bảng dữ liệu(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPES282A Datasheet HTML 2Page - Generalplus Technology Inc. GPES282A Datasheet HTML 3Page - Generalplus Technology Inc. GPES282A Datasheet HTML 4Page - Generalplus Technology Inc. GPES282A Datasheet HTML 5Page - Generalplus Technology Inc. GPES282A Datasheet HTML 6Page - Generalplus Technology Inc. GPES282A Datasheet HTML 7Page - Generalplus Technology Inc. GPES282A Datasheet HTML 8Page - Generalplus Technology Inc. GPES282A Datasheet HTML 9Page - Generalplus Technology Inc. GPES282A Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GPES282A
© Generalplus Technology Inc.
Proprietary & Confidential
6
MAR. 07, 2008
Version: 1.1
5.4.1.5. Low voltage reset(LVR)
The GPES282A provides Low Voltage Reset (LVR) function that
will reset all functions into the initial state if the VDD power drops
below 2.1V for longer than two T7 clock cycles(T7=CPU CLK*128).
As a result, it prevents the GPES282A entering into a malfunction
state.
The LVR function is the same as Power ON Reset.
For
The Low Voltage Reset can be enabled or disabled in a program.
This option must be defined in definition area.
LVR_ENABLE; enable
LVR_DISABLE; disable
5.4.1.6. Infrared Red (IR) function
Some IR parameters must be defined in Definition Area before
using IR function.
We will only introduce the commands here.
For more details on how to use these commands in your program,
please refer to GPES II Programming Guide.
5.4.2. Entry point (Label)
The essence applied in GPES II is the ENTRY POINT.
Each
trigger pin is assigned an entry point.
Instructions must be
located in a new line under its entry point.
Any instruction located
with the same line as entry point will cause error when compiling.
Users can also define a label (ID) for an entry point.
A label can
be the combinations of number and character, but not underscore.
In addition, a label can not start with a number.
Example
SpeechLoop:
Sound1+Sound2
JP
SpeechLoop
When a pin is triggered, the program jumps to its corresponding
entry point and starts executing.
The entry points are fixed
values.
For instance, ‘0’ is the entry point of TG1 when 1
0.
‘1’
is the entry point of TG2 when 1
0.
Users can either use Entry
Point ID or Entry Point Abbreviator to express an entry point.
A
summary of entry point for each trigger pin is as follows:
Entry Point
Entry Point
Abbreviator
Status
32
POI
Power on initialization
0
TG1F
TG1
1
0 (falling)
1
TG2F
TG2
1
0 (falling)
2
TG3F
TG3
1
0 (falling)
3
TG4F
TG4
1
0 (falling)
4
TG1R
TG1
0
1 (rising)
5
TG2R
TG2
0
1 (rising)
6
TG3R
TG3
0
1 (rising)
7
TG4R
TG4
0
1 (rising)
8 ~ 253
(except 32)
User-Defined entry
point or label
User-Defined
254
Speech event
User-Defined
255
Timer event
User-Defined
Example:
An example is introduced here.
Also, all words after semi-colon
(;) are for comments only.
SPES240B
;body defined
EXT_CLK_4M
LVR_Disable
POI:
LD
EN, 0x00
(4000)_3
LD
EN, 0x 03
;enable TG1 falling and
;TG2 falling
END
TG1F:
Sound1
;when TG1 changes from
;1
0 (High
Low),
;sound1 is played
END
;Sleep
TG2F:
Sound2
;when TG2 changes from
;1
0, sound2 is played
END
;Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com