| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GPCR06C bảng dữ liệu(PDF) 10 Page - Generalplus Technology Inc. |
|
|
|||||||||||||||||||||||||||||
GPCR06C bảng dữ liệu(HTML) 10 Page - Generalplus Technology Inc. |
|
10 / 14 page ![]() GPCR06C © Generalplus Technology Inc. Proprietary & Confidential 10 JAN. 09, 2009 Version: 1.0 8. APPLICATION CIRCUITS 8.1. Application Circuit - (Speaker/Microphone Alone) PCB Layout Guidelines: 1. VDD and AVDD must be connected to power input port (VCC) directly and independently, meaning not branch from one or another. 2. VSS and AVSS must be connected to power input port (GND) directly and independently, meaning not branch from one or another. 3. When R1=0, the MIC is most sensitive. And R1 should be increased to improve noise immunity in different application. 4. C2 is suggested 0.1uF, the IC power is more stable if increase C2. And C2 should be as closed as possible in between VDD/AVDD connecting points to VCC and VSS/AVSS connecting points to GND. 5. C3 may be eliminated in stable power supply. |