công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GPCD2TP020A bảng dữ liệu(PDF) 8 Page - Generalplus Technology Inc.

tên linh kiện GPCD2TP020A
Giải thích chi tiết về linh kiện  Two--channell Sound Conttrollller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENERALPLUS [Generalplus Technology Inc.]
Trang chủ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCD2TP020A bảng dữ liệu(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPCD2TP020A Datasheet HTML 4Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 5Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 6Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 7Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 8Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 9Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 10Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 11Page - Generalplus Technology Inc. GPCD2TP020A Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
GPCD2TP020A
© Generalplus Technology Inc.
Proprietary & Confidential
8
Nov. 18, 2018
Version: 1.1
Mnemonic
Pin No.
(LQFP48)
Type
Description
Dedicate IO
VDDIO0
27
P
Power for IOA/IOD
VSSIO0
40
G
GND for all IOA/IOD
VDDIO1
8
P
Power for IOB
VSSIO1
40
G
GND for all IOB
IOA0~IOA7
19~26
I/O
IOA: bi-directional I/O ports
These pins can be programmed as wakeup I/O pins.
IOA1 shares with OTP_SDA; IOA2 shares with OTP_SCK
IOB0~IOB7
9~16
I/O
IOB: bi-directional I/O ports
These pins can be programmed as wakeup I/O pins.
IOD4~IOD7
32~35
I/O
IOD: bi-directional I/O ports
These pins can be programmed as wakeup I/O pins.
Regulator - related power
VDD_RGI
43
P
Positive supply for regulator
VSS
40
G
Ground for regulator
VDD
42
P
Power output from regulator out
Clock (Max. Freq. 16Mhz)
XI
46
O
Crystal input or connected to VDD through a resistor as ROSC
XO
47
O
Crystal output
Audio
AVDD
38
P
Power for amplifier
AVSS
36
G
GND for amplifier
AVDD_DAC
38
P
Power for DAC
AVSS_DAC
36
G
GND for DAC
AUD0
39
O
Audio output
AUD1
40
O
Audio output
ACIN
-
I
Microphone input
Other Signal
TEST
45
I
TEST Mode selection pin, NC for normal application
RESETB
44
I
System reset pin (active low)
VPP
41
P
Internal OTP programming voltage, kept floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com