| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS8308AGILF bảng dữ liệu(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8308AGILF bảng dữ liệu(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 15 page ![]() 8308AGI www.icst.com/products/hiperclocks.html REV. B JULY 25, 2005 3 Integrated Circuit Systems, Inc. ICS8308I LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V DD = VDDO = 3.3V±5%, T A = -40° TO 85° ABSOLUTE MAXIMUM RATINGS Supply Voltage, V DD 4.6V Inputs, V I -0.5V to V DD + 0.5 V Outputs, V O -0.5V to V DDO + 0.5V Package Thermal Impedance, θ JA 70°C/W (0 lfpm) Storage Temperature, T STG -65°C to 150°C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.These ratings are stress specifications only. Functional operation of product at these conditions or any conditions be- yond those listed in the DC Characteristics or AC Character- istics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V D D e g a t l o V y l p p u S e r o C 5 3 1 . 33 . 35 6 4 . 3V V O D D e g a t l o V y l p p u S t u p t u O 5 3 1 . 33 . 35 6 4 . 3V I D D t n e r r u C y l p p u S r e w o P 6 4A m I O D D t n e r r u C y l p p u S t u p t u O 1 1A m TABLE 4B. POWER SUPPLY DC CHARACTERISTICS, V DD = 3.3V±5%, VDDO = 2.5V±5%, T A = -40° TO 85° l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V D D e g a t l o V y l p p u S e r o C 5 3 1 . 33 . 35 6 4 . 3V V O D D e g a t l o V y l p p u S t u p t u O 5 7 3 . 25 . 25 2 6 . 2V I D D t n e r r u C y l p p u S r e w o P 6 4A m I O D D t n e r r u C y l p p u S t u p t u O 0 1A m TABLE 4C. POWER SUPPLY DC CHARACTERISTICS, V DD, VDDO = 2.5V±5%, T A = -40° TO 85° l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V D D e g a t l o V y l p p u S e r o C 5 7 3 . 25 . 25 2 6 . 2V V O D D e g a t l o V y l p p u S t u p t u O 5 7 3 . 25 . 25 2 6 . 2V I D D t n e r r u C y l p p u S r e w o P 3 4A m I O D D t n e r r u C y l p p u S t u p t u O 0 1A m |