| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC866PZP133 bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC866PZP133 bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 92 page ![]() MOTOROLA MPC866/859 Hardware Specifications 83 Mechanical Data and Ordering Information PB19 RTS1 L1ST1 N19 Bidirectional (Optional: Open-drain) PB18 RXADDR42 RTS2 L1ST2 N17 Bidirectional (Optional: Open-drain) PB17 L1RQb L1ST3 RTS3 PHREQ11 RXADDR12 P18 Bidirectional (Optional: Open-drain) PB16 L1RQa L1ST4 RTS4 PHREQ01 RXADDR02 N16 Bidirectional (Optional: Open-drain) PB15 BRGO3 TxClav RxClav R17 Bidirectional PB14 RXADDR22 RSTRT1 U18 Bidirectional PC15 DREQ0 RTS1 L1ST1 RxClav TxClav D16 Bidirectional PC14 DREQ1 RTS2 L1ST2 D18 Bidirectional PC13 L1RQb L1ST3 RTS3 E18 Bidirectional PC12 L1RQa L1ST4 RTS4 F18 Bidirectional PC11 CTS1 J19 Bidirectional Table 39. Pin Assignments (continued) Name Pin Number Type Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |