| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC866TZP100 bảng dữ liệu(PDF) 81 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC866TZP100 bảng dữ liệu(HTML) 81 Page - Freescale Semiconductor, Inc |
|
81 / 92 page ![]() MOTOROLA MPC866/859 Hardware Specifications 81 Mechanical Data and Ordering Information PA13 RXD2 E17 Bidirectional PA12 TXD2 F17 Bidirectional (Optional: Open-drain) PA11 L1TXDB RXD3 G16 Bidirectional (Optional: Open-drain) PA10 L1RXDB TXD3 J17 Bidirectional (Optional: Open-drain) PA9 L1TXDA RXD4 K18 Bidirectional (Optional: Open-drain) PA8 L1RXDA TXD4 L17 Bidirectional (Optional: Open-drain) PA7 CLK1 L1RCLKA BRGO1 TIN1 M19 Bidirectional PA6 CLK2 TOUT1 M17 Bidirectional PA5 CLK3 L1TCLKA BRGO2 TIN2 N18 Bidirectional PA4 CLK4 TOUT2 P19 Bidirectional PA3 CLK5 BRGO3 TIN3 P17 Bidirectional PA2 CLK6 TOUT3 L1RCLKB R18 Bidirectional PA1 CLK7 BRGO4 TIN4 T19 Bidirectional Table 39. Pin Assignments (continued) Name Pin Number Type Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |