công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC859DSLZP50 bảng dữ liệu(PDF) 82 Page - Freescale Semiconductor, Inc

tên linh kiện MPC859DSLZP50
Giải thích chi tiết về linh kiện  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC859DSLZP50 bảng dữ liệu(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC859DSLZP50 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC859DSLZP50 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC859DSLZP50 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC859DSLZP50 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC859DSLZP50 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC859DSLZP50 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC859DSLZP50 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC859DSLZP50 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC859DSLZP50 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
82
MPC866/859 Hardware Specifications
MOTOROLA
Mechanical Data and Ordering Information
Mechanical Data and Ordering Information
PA0
CLK8
TOUT4
L1TCLKB
U19
Bidirectional
PB31
SPISEL
REJECT1
C17
Bidirectional
(Optional: Open-drain)
PB30
SPICLK
RSTRT2
C19
Bidirectional
(Optional: Open-drain)
PB29
SPIMOSI
E16
Bidirectional
(Optional: Open-drain)
PB28
SPIMISO
BRGO4
D19
Bidirectional
(Optional: Open-drain)
PB27
I2CSDA
BRGO1
E19
Bidirectional
(Optional: Open-drain)
PB26
I2CSCL
BRGO2
F19
Bidirectional
(Optional: Open-drain)
PB25
RXADDR32
SMTXD1
J16
Bidirectional
(Optional: Open-drain)
PB24
TXADDR32
SMRXD1
J18
Bidirectional
(Optional: Open-drain)
PB23
TXADDR22
SDACK1
SMSYN1
K17
Bidirectional
(Optional: Open-drain)
PB22
TXADDR42
SDACK2
SMSYN2
L19
Bidirectional
(Optional: Open-drain)
PB21
SMTXD2
L1CLKOB
PHSEL1 1
TXADDR1 2
K16
Bidirectional
(Optional: Open-drain)
PB20
SMRXD2
L1CLKOA
PHSEL01
TXADDR02
L16
Bidirectional
(Optional: Open-drain)
Table 39. Pin Assignments (continued)
Name
Pin Number
Type
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92