| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRQ73-820-R bảng dữ liệu(PDF) 3 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
DRQ73-820-R bảng dữ liệu(HTML) 3 Page - Eaton All Rights Reserved. |
|
3 / 10 page ![]() Technical Data DS4311 Effective September 2017 DRQ Dual winding, high power density, shielded drum core power inductors 3 www.eaton.com/electronics Product specifications 1. Open Circuit Inductance Test Parameters: 100 kHz, 0.25 V rms, 0.0 Adc Parallel: (1,2 -4,3) Series: (1-4) tie (2-3) 2. RMS current for an approximate DT of 40 °C without core loss. It is recommended that the temperature of the part not exceed +125 °C. 3. Peak current for approximately 30% roll-off at +20 °C 4. DCR limits @ +20 °C 5. Applied Volt-Time product (V-µs) across the inductor. This value represents the applied V-µs at 100 kHz necessary to generate a core loss equal to 10% of the total losses for a 40 °C temperature rise. 6. Turns Ratio (1:3):(2-4) 1:1 7. Part number definition: DRQxxx-yyy- - DRQxxx = product code and size, - yyy = inductance value in µH, - R = decimal point. If no R is present, third character = # of zeros - “-R” suffix = RoHS complian Part Number Rated Inductance (µH) Parallel Ratings Series Ratings OCL1 ±20% (µH) I rms 2 (A) I sat 3 (A) Peak DCR Ω4 Typ. Volt5 µ-sec OCL1 ±20% (µH) I rms 2 (A) I sat 3 (A) Peak DCR Ω4 Typ. Volt5 µ-sec DRQ74-R33-R 0.33 0.294 6.20 18.4 0.0074 1.71 1.176 3.10 9.18 0.0295 3.42 DRQ74-1R0-R 1.00 0.952 5.33 10.2 0.0100 3.08 3.808 2.66 5.10 0.0400 6.16 DRQ74-1R5-R 1.50 1.422 4.96 8.35 0.0115 3.76 5.688 2.48 4.17 0.0461 7.52 DRQ74-2R2-R 2.20 1.986 4.66 7.06 0.0130 4.45 7.944 2.33 3.53 0.0521 8.9 DRQ74-3R3-R 3.30 3.396 3.94 5.40 0.0183 5.81 13.58 1.97 2.70 0.0732 11.6 DRQ74-4R7-R 4.70 5.182 3.34 4.37 0.0254 7.18 20.73 1.67 2.19 0.102 14.4 DRQ74-6R8-R 6.80 7.344 2.60 3.67 0.0418 8.55 29.38 1.30 1.84 0.167 17.1 DRQ74-8R2-R 8.20 8.566 2.53 3.40 0.0441 9.23 34.26 1.27 1.70 0.177 18.5 DRQ74-100-R 10.0 9.882 2.41 3.17 0.0489 9.92 39.53 1.20 1.58 0.196 19.8 DRQ74-150-R 15.0 16.09 2.11 2.48 0.0637 12.7 64.36 1.05 1.24 0.255 25.4 DRQ74-220-R 22.0 21.73 1.75 2.13 0.0925 14.7 86.92 0.874 1.07 0.371 29.4 DRQ74-330-R 33.0 33.01 1.41 1.73 0.143 18.1 132.0 0.702 0.87 0.574 36.2 DRQ74-470-R 47.0 49.64 1.15 1.41 0.216 22.2 198.6 0.573 0.71 0.865 44.4 DRQ74-680-R 68.0 69.67 1.03 1.19 0.265 26.3 278.7 0.517 0.60 1.06 52.6 DRQ74-820-R 82.0 80.95 0.91 1.11 0.345 28.4 323.8 0.453 0.55 1.38 56.8 DRQ74-101-R 100 101.6 0.86 0.99 0.383 31.8 406.4 0.430 0.49 1.53 63.6 DRQ74-151-R 150 150.0 0.69 0.81 0.591 38.6 600.0 0.346 0.41 2.37 77.2 DRQ74-221-R 220 227.0 0.56 0.66 0.907 47.5 908.0 0.279 0.33 3.63 95 DRQ74-331-R 330 335.6 0.45 0.54 1.41 57.8 1342 0.224 0.27 5.66 116 DRQ74-471-R 470 465.3 0.40 0.46 1.74 68.1 1861 0.202 0.23 6.97 136 DRQ74-681-R 680 671.2 0.33 0.38 2.58 81.7 2685 0.166 0.19 10.3 163 DRQ74-821-R 820 812.7 0.31 0.35 2.93 89.9 3251 0.156 0.17 11.7 180 DRQ74-102-R 1000 1009 0.27 0.31 3.89 100 4036 0.135 0.16 15.6 200 |