| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B0510-2R5224-R bảng dữ liệu(PDF) 3 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
B0510-2R5224-R bảng dữ liệu(HTML) 3 Page - Eaton All Rights Reserved. |
|
3 / 3 page ![]() All Rights Reserved Printed in USA Publication No. 4390 BU-SB101087 June 2017 Eaton is a registered trademark. All other trademarks are property of their respective owners. Technical Data 4390 Effective June 2017 Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Eaton Electronics Division 1000 Eaton Boulevard Cleveland, OH 44122 United States www.eaton.com/electronoics © 2017 Eaton B Supercapacitors Cylindrical cells Wave solder profile Profile Feature Standard SnPb Solder Lead (Pb) Free Solder Preheat and soak • Temperature max. (Tsmax) 100 °C 100 °C • Time max. 60 seconds 60 seconds D preheat to max Temperature 160 °C max. 160 °C max. Peak temperature (TP)* 220 °C – 260 °C 250 °C – 260 °C Time at peak temperature (tp) 10 seconds max 5 seconds max each wave 10 seconds max 5 seconds max each wave Ramp-down rate ~ 2 K/s min ~3.5 K/s typ ~5 K/s max ~ 2 K/s min ~3.5 K/s typ ~5 K/s max Time 25 °C to 25 °C 4 minutes 4 minutes Manual solder +350 °C, 4-5 seconds. (by soldering iron), generally manual, hand soldering is not recommended. Reflow soldering Do not use reflow soldering using infrared or convection oven heating methods. Cleaning/Washing Avoid cleaning of circuit boards, however if the circuit board must be cleaned use static or ultrasonic immersion in a standard circuit board cleaning fluid for no more than 5 minutes and a maximum temperature of +60 °C. Afterwards thoroughly rinse and dry the circuit boards. In general, treat supercapacitors in the same manner you would an aluminum electrolytic capacitor. Time Tsmin Tsmax Tstyp Tp tp First Wave Second Wave Preheat area Cool down area |