công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FP6745C bảng dữ liệu(PDF) 7 Page - Fitipower Integrated Technology Inc.

tên linh kiện FP6745C
Giải thích chi tiết về linh kiện  High-Efficiency, 40V White LED Driver with Dimming Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FITIPOWER [Fitipower Integrated Technology Inc.]
Trang chủ  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6745C bảng dữ liệu(HTML) 7 Page - Fitipower Integrated Technology Inc.

  FP6745C Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6745C Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6745C Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6745C Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6745C Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6745C Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6745C Datasheet HTML 7Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
FP6745C-0.1-SEP-2011
FP6745C
85T
fitipower integrated technology lnc.
Outline Information
SOT-23-6
Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
B
0.30
0.50
D
2.80
3.00
E
2.60
3.00
E1
1.50
1.70
e
0.90
1.00
e1
1.80
2.00
L
0.30
0.60
Note:Followed From JEDEC MO-178-C.
Carrier dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7