| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPI4015V2-3R3-R bảng dữ liệu(PDF) 8 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
MPI4015V2-3R3-R bảng dữ liệu(HTML) 8 Page - Eaton All Rights Reserved. |
|
8 / 22 page ![]() 8 Technical Data 10651 Effective April 2017 MPI40-V2 High current, low profile, miniature power inductors www.eaton.com/electronics Core loss vs Bp-p 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPI4020V2-R68-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPI4020V2-1R0-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPI4020V2-1R2-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPI4020V2-1R5-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPI4020V2-2R2-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz 0.001 0.01 0.1 1 10 100 10 100 1000 10000 Bp-p (Gauss) MPI4020V2-3R3-R 500 kHz 300 kHz 100 kHz 25 kHz 700 kHz 3.5 MHz 3.0 MHz 2.0 MHz 1.0 MHz 50 kHz |