công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM350310 bảng dữ liệu(PDF) 10 Page - Eaton All Rights Reserved.

tên linh kiện EM350310
Giải thích chi tiết về linh kiện  EuroMag Series PCB Mount Terminal Blocks
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EATON [Eaton All Rights Reserved.]
Trang chủ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM350310 bảng dữ liệu(HTML) 10 Page - Eaton All Rights Reserved.

Back Button EM350310 Datasheet HTML 3Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 4Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 5Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 6Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 7Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 8Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 9Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 10Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 11Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
For additional product information, visit
www.eaton.com/connectors
Ø
Ø
PCB Hole Layout
EuroMag Series PCB Mount Terminal Blocks
EM2506 Series
EuroMag Terminal Blocks
7.62 Centers; Modular
SPECIFICATIONS
Rating: 16A, 300V
Center Spacing: 0.30” (7.62mm)
Wire Range: #14-2
6 2WG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Brass Tin-Plated
Cage Material: Brass, Nickel-Plated
Screw Size: M2.6
Zinc-Plated Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating: 5.0 lb-in.
Recommended PCB Hole Diameters: 0.055" (1.40mm)
Construction: Modular design features dovetails for
interlocking to achieve longer lengths
Agency Information:
File E62622; CE Certified
Part Numbering System
Series
# of Poles
nnnnnnnnnnnn nnnn
02 to 24
EM 2 5 0 6
Poles
2
3
4
5
6
7
8
9
10
11
12
13
L (mm)
15.24
22.86
30.48
38.10
45.72
53.34
60.96
68.58
76.20
83.82
91.44
99.07
Poles
14
15
16
17
18
19
20
21
22
23
24
L (mm)
106.69
114.31
121.93
129.55
137.17
144.79
152.41
160.03
167.65
175.27
182.89
To convert to inches, divide by 25.4
EM250605
Dimensions - mm (in)
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com