| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPI4040R1-4R7-R bảng dữ liệu(PDF) 3 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
MPI4040R1-4R7-R bảng dữ liệu(HTML) 3 Page - Eaton All Rights Reserved. |
|
3 / 13 page ![]() 3 Technical Data 4086 Effective October 2015 MPI4040 High current, high frequency, miniature power inductors www.eaton.com/elx Product Specifications Part Number5 OCL1 ± 20% (μH) Part marking designator I rms 2 (amps) I sat 3 @ 25°C (amps) DCR (mΩ) ±20% @ 20°C K-factor4 R3 — 1.85mm Height MPI4040R3-R22-R 0.22 A 8.0 20 5.8 1870 MPI4040R3-R47-R 0.47 B 5.8 17 10.3 1530 MPI4040R3-1R2-R 1.2 C 4.0 9.4 32 732 MPI4040R3-1R5-R 1.5 D 3.8 8.2 36 673 MPI4040R3-2R2-R 2.2 E 3.4 7.9 48 543 MPI4040R3-3R3-R 3.3 F 3.0 6.6 60 432 MPI4040R3-4R7-R 4.7 G 2.3 4.8 92 374 MPI4040R3-6R8-R 6.8 H 2.0 4.5 120 306 MPI4040R3-100-R 10 I 1.5 3.8 213 251 MPI4040R3-150-R 15 J 1.3 3.0 285 213 MPI4040R3-220-R†† 22 K 1.1 2.2 408 174 R4 — 2.0mm Height MPI4040R4-R22-R 0.22 A 10.1 15 5.3 2405 MPI4040R4-R33-R 0.33 B 9.5 12.8 6.0 1870 MPI4040R4-R47-R 0.45 C 8.1 11.5 8.2 1530 MPI4040R4-1R0-R 1.0 D 5.7 8.2 17 990 MPI4040R4-1R5-R 1.5 E 4.9 6.9 23 802 MPI4040R4-2R2-R 2.2 F 3.9 5.7 35 673 MPI4040R4-3R3-R†† 3.3 G 3.3 4.5 49 510 MPI4040R4-4R7-R†† 4.7 H 2.9 3.9 67 455 MPI4040R4-6R8-R†† 6.8 I 2.4 3.2 91 374 MPI4040R4-100-R†† 10 J 1.9 2.6 148 306 MPI4040R4-220-R†† 22 K 1.3 1.8 316 203 1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc 2. I rms: DC current for an approximate temperature rise of 40°C without core loss. De-rating is necessary for AC currents. Temperature rise is dependent upon several factors, including the PCB pad layout, trace thickness and width, air-flow and proximity to other heat generating components. It is recommended the part temperature not exceed 125°C under worst case operating conditions and therefore, the temperature rise should be verified in the end use application. I rms testing was performed on a 19.05mm long x 6.35mm wide x 0.070mm thick copper trace in still air. 3. I sat: Peak current for approximately 30% rolloff at +25°C. 4. K-factor: Used to determine B p-p for core loss (see graph). B p-p = K * L * DI.Bp-p : (Gauss), K: (K-factor from table), L: (inductance in μH), DI =(peak-to-peak ripple current in amps). 5. Part Number Definition: MPI4040RX-XXX-R • MPI4040R = product code and size • X = version indicator • XXX = inductance value in μH, R= decimal point - If no R is present, then last character equals the number of zeros • -R suffix = RoHS compliant † Transient pulse not to exceed 1 millisecond. †† Maximum operating frequency less than 10MHz, consult factory for application specific values. Discontinued, Effective September 15, 2016 or until inventory is depleted. Recommended replacement MPI40-V2 |