| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLB1108-5-50TR-R bảng dữ liệu(PDF) 2 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CLB1108-5-50TR-R bảng dữ liệu(HTML) 2 Page - Eaton All Rights Reserved. |
|
2 / 5 page ![]() 2 Technical Data 10131 Effective August 2018 CLB1108 Multi-phase power inductors www.eaton.com/electronics Dimensions (mm) Part marking: Pin 1 dot, CLB1108= (product code and size ), -2,-3,-4,-5, = (number of phases), -50= (inductance value per phase in nH), TR= (tape and reel), -R = (RoHS compliant) wwllyy = date code, R = revision level Tolerances are ±0.25 millimeters unless stated otherwise All soldering surfaces to be coplanar within 0.13 millimeter Do not route traces or vias underneath the inductor 1. Open Circuit Inductance (OCL) Test Parameters: 1 MHz, 0.1 Vrms, @ +25 °C 1A. Open Circuit Inductance (OCL) Test Parameters: 1 MHz, 0.1 Vrms, @ +105 °C 2. Isat1: Peak current at which OCL drops to 150 nH min @ +25 °C Isat2: Peak current at which OCL drops to 100 nH min @ +105 °C Isat3: Peak current where SCL drops approximately 20% @ +105 °C 3. Short Circuit Inductance (SCL) Test Parameters: 1 MHz, 0.1 Vrms, 0.0 Adc @ +25 °C, ±20% - CLB1108-2-50TR-R, short 1 & 4, Measure 2 & 3 and divide by 2. - CLB1108-3-50TR-R, short 1 & 4, 3 & 6, Measure 2 & 5 and divide by 3 - CLB1108-4-50-TR-R, short 1 & 4, 3 & 6, 5 & 8 , Measure 2 & 7, and divide by 4 - CLB1108-5-50-TR-R, short 1 & 4, 3 & 6, 5 & 8, 7 & 10, Measure 2 & 9 and divide by 5 Product specifications Part number4,5 Inductor phases OCL min1 @ 0.0 Adc (nH) OCL min1 @ lsat1 lsat12 (A) OCL min1A @ lsat2 lsat22 (A) SCL3 (nH) lsat32 (A) DCR ±10% (mΩ) @ +20 °C CLB1108-2-50TR-R 2 200 150 25 100 23 50 110 0.28 CLB1108-3-50TR-R 3 200 150 25 100 23 50 110 0.28 CLB1108-4-50TR-R 4 200 150 25 100 23 50 110 0.28 CLB1108-5-50TR-R 5 200 150 25 100 23 50 110 0.28 4. Part Number Definition: CLB1108-X-50TR-R CLB1108 = Product code and size X = Number of phases 50 = Inductance value per phase nH TR = Tape and reel packaging -R (suffix) = RoHS compliant 5. This device is licensed for use only when incorporated within a voltage regulator employing power regulating devices manufactured by Volterra Semiconductor, LLC or Maxim Integrated Devices, Inc. No license is granted expressly or by implication to use this device with power regulating devices manufactured by any company other than Volterra or Maxim. |