công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISD9130CFI bảng dữ liệu(PDF) 35 Page - Nuvoton Technology Corporation

tên linh kiện ISD9130CFI
Giải thích chi tiết về linh kiện  ISD9160 Technical Reference Manual
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD9130CFI bảng dữ liệu(HTML) 35 Page - Nuvoton Technology Corporation

Back Button ISD9130CFI Datasheet HTML 31Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 32Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 33Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 34Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 35Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 36Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 37Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 38Page - Nuvoton Technology Corporation ISD9130CFI Datasheet HTML 39Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 415 page
background image
ISD9160 Technical Reference Manual
Release Date: Mar 30, 2016
- 35 -
Revision V1.41
Wakeup Pin Control Register (SYS_WKCTL)
The WAKEUP pin of the ISD9160 is a special purpose pin that can be used to wake the device from a
deep power down condition when all other pins of the device are inactive. When the device is active,
this register can be used to set the state of the WAKEUP pin. The default state of the pin is as a tri-
state input.
Register
Offset
R/W
Description
Reset Value
SYS_WKCTL
SYS_BA+0x54 R/W
WAKEUP pin control register
0x0000_0006
7
6
5
4
3
2
1
0
Reserved
WKDIN
WKPUEN
WKOENB
WKDOUT
Table 5-9 Wakeup Pin Control Register (SYS_WKCTL, address 0x5000_0054) Bit Description.
Bits
Description
[3]
WKDOUT
Wakeup Output State
0 = drive Low if the corresponding output mode bit is set (default)
1 = drive High if the corresponding output mode bit is set
[2]
WKOENB
Wakeup Pin Output Enable Bar
0 = drive WKDOUT to pin
1 = tristate (default)
[1]
WKPUEN
Wakeup Pin Pull-up Control
This signal is latched in deep power down and preserved.
0 = pull-up enable
1 = tristate (default)
[0]
WKDIN
State Of Wakeup Pin
Read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com