công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F636 bảng dữ liệu(PDF) 31 Page - Microchip Technology

tên linh kiện 16F636
Giải thích chi tiết về linh kiện  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F636 bảng dữ liệu(HTML) 31 Page - Microchip Technology

Back Button 16F636 Datasheet HTML 27Page - Microchip Technology 16F636 Datasheet HTML 28Page - Microchip Technology 16F636 Datasheet HTML 29Page - Microchip Technology 16F636 Datasheet HTML 30Page - Microchip Technology 16F636 Datasheet HTML 31Page - Microchip Technology 16F636 Datasheet HTML 32Page - Microchip Technology 16F636 Datasheet HTML 33Page - Microchip Technology 16F636 Datasheet HTML 34Page - Microchip Technology 16F636 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 29
PIC12F635/PIC16F636/639
3.0
CLOCK SOURCES
3.1
Overview
The PIC12F635/PIC16F636/639 has a wide variety of
clock sources and selection features to allow it to be
used in a wide range of applications, while maximizing
performance and minimizing power consumption.
Figure 3-1
illustrates
a
block
diagram
of
the
PIC12F635/PIC16F636/639 clock sources.
Clock sources can be configured from external oscillators,
quartz crystal resonators, ceramic resonators and
Resistor-Capacitor (RC) circuits. In addition, the system
clock source can be configured from one of two internal
oscillators, with a choice of speeds selectable via
software. Additional clock features include:
• Selectable system clock source between external
or internal via software.
• Two-Speed Clock Start-up mode, which
minimizes latency between external oscillator
start-up and code execution.
• Fail-Safe Clock Monitor (FSCM) designed to
detect a failure of the external clock source (LP,
XT, HS, EC or RC modes) and switch to the
internal oscillator.
The PIC12F635/PIC16F636/639 can be configured in
one of eight clock modes.
1.
EC – External clock with I/O on RA4.
2.
LP – Low gain crystal or Ceramic Resonator
Oscillator mode.
3.
XT – Medium gain crystal or Ceramic Resonator
Oscillator mode.
4.
HS – High gain crystal or Ceramic Resonator
mode.
5.
RC – External Resistor-Capacitor (RC) with
FOSC/4 output on RA4.
6.
RCIO – External Resistor-Capacitor (RC) with I/O
on RA4.
7.
INTOSC – Internal oscillator with FOSC/4 output
on RA4 and I/O on RA5.
8.
INTOSCIO – Internal oscillator with I/O on RA4
and RA5.
Clock source modes are configured by the FOSC<2:0>
bits
in
the
Configuration
Word
register
(see
Section 12.0 “Special Features of the CPU”). The
internal clock can be generated by two oscillators. The
HFINTOSC is a high-frequency calibrated oscillator. The
LFINTOSC is a low-frequency uncalibrated oscillator.
FIGURE 3-1:
PIC12F635/PIC16F636/639 CLOCK SOURCE BLOCK DIAGRAM
(CPU and Peripherals)
OSC1
OSC2
Sleep
External Oscillator
LP, XT, HS, RC, RCIO, EC
System Clock
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
125 kHz
250 kHz
IRCF<2:0>
111
110
101
100
011
010
001
000
31 kHz
Power-up Timer (PWRT)
FOSC<2:0>
(Configuration Word)
SCS
(OSCCON<0>)
Internal Oscillator
(OSCCON<6:4>)
Watchdog Timer (WDT)
Fail-Safe Clock Monitor (FSCM)
HFINTOSC(1)
8 MHz
LFINTOSC(2)
31 kHz
Note
1:
HFINTOSC = High-Frequency Calibrated Internal Oscillator.
2:
LFINTOSC = Low-Frequency Internal Oscillator is not calibrated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com