| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM81C55-5JS bảng dữ liệu(PDF) 7 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM81C55-5JS bảng dữ liệu(HTML) 7 Page - OKI electronic componets |
|
7 / 19 page ![]() 7/19 ¡ Semiconductor MSM81C55-5RS/GS/JS Basic Input Mode RD tPR tRP Port Input Data Bus 1 2 3 4 5 1 2 5 TIMER IN t2 tr tf t1 tCYC tTL tTH tTL tTH TIMER OUT (Pulse) TIMER OUT (Square Wave) Load Counter From Count Length Register Load Counter From Count Length Register Count Down(5Æ1) (Note) (T.C) (Note) Note: Periodically outut according to the output mode (m1=1) programming contents. Timer Waveforms 1 WR tWP Data Bus Port Output Note: The DATA BUS timing is the same as the read and write cycles. Basic Output Mode |