| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M80C85 bảng dữ liệu(PDF) 13 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
M80C85 bảng dữ liệu(HTML) 13 Page - OKI electronic componets |
|
13 / 29 page ![]() 13/29 ¡ Semiconductor MSM80C85AHRS/GS/JS ABSOLUTE MAXIMUM RATINGS –55 - +150 MSM80C85AHRS Power Supply Voltage VCC –0.5 - 7 V Input Voltage VIN –0.5 - VCC +0.5 V Output Voltage VOUT –0.5 - VCC +0.5 V Storage Temperature TSTG °C Power Dissipation PD 0.7 W Parameter Units Symbol With respect to GND — Ta = 25°C Condition Limits MSM80C85AHGS MSM80C85AHJS 1.0 1.0 OPERATING RANGE Limits Power Supply Voltage VCC 3 - 6 V Operating Temperature TOP –40 - +85 °C Parameter Unit Symbol RECOMMENDED OPERATING CONDITIONS DC CHARACTERISTICS "L" VILR — –0.3 +0.8 Typ. Power Supply Voltage VCC 5V TOP +25 "L" Input Voltage VIL — "H" Output Voltage VIH — Min. 4.5 –40 –0.3 2.2 Max. 5.5 +85 +0.8 VCC +0.3 Parameter Unit Symbol °C V V Operating Temperature V VIHR — 3.0 VCC +0.3 V RESET IN Input Voltage "H" RESET IN Input Voltage Typ. Max. "L" Output Voltage VOL — 0.4 V "H" Output Voltage VOH —— V —— V Parameter Unit Symbol Min. — 3.0 VCC - 0.4 IOL = 2.5 mA IOH = –2.5 mA IOH = –100 mA Conditions VCC = 4.5 V - 5.5 V Ta = –40°C - +85°C Input Leak Current ILI —10 mA Output Leak Current ILO —10 mA –10 –10 0 £ VIN £ VCC 0 £ VOUT £ VCC Tcyc = 200 ns CL = 0 pF at reset Operating Supply Current ICC 10 20 mA 510 mA — — Tcyc = 200 ns CL = 0 pF at power down mode |