| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI90SD1636AFCE bảng dữ liệu(PDF) 13 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI90SD1636AFCE bảng dữ liệu(HTML) 13 Page - Pericom Semiconductor Corporation |
|
13 / 15 page ![]() 13 PS8641 10/14/04 PI90SD1636A SERDES Gigabit Ethernet Transceiver Appendix A Gigabit Ethernet Transceiver Pin Cross Reference Guide PI90SD1636A, VSC7123 and HDMP1636A/1646A Summary: Pericom Semiconductor’s PI90SD1636A is functionally pin compatible with Vitesse’s VSC7123 and Agilent’s HDMP-1636A/46A. Minor differences exist amongst the parts regarding the use of certain pins that are used by the manufacturer for internal tests, as is further clarified below. These differences will not affect plug compatibility during normal operations. |