công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WNMD2183-6/TR bảng dữ liệu(PDF) 2 Page - Will Semiconductor Ltd.

tên linh kiện WNMD2183-6/TR
Giải thích chi tiết về linh kiện  Dual N-Channel, 12V, 14A, Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WILLSEMI [Will Semiconductor Ltd.]
Trang chủ  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNMD2183-6/TR bảng dữ liệu(HTML) 2 Page - Will Semiconductor Ltd.

  WNMD2183-6/TR Datasheet HTML 1Page - Will Semiconductor Ltd. WNMD2183-6/TR Datasheet HTML 2Page - Will Semiconductor Ltd. WNMD2183-6/TR Datasheet HTML 3Page - Will Semiconductor Ltd. WNMD2183-6/TR Datasheet HTML 4Page - Will Semiconductor Ltd. WNMD2183-6/TR Datasheet HTML 5Page - Will Semiconductor Ltd. WNMD2183-6/TR Datasheet HTML 6Page - Will Semiconductor Ltd. WNMD2183-6/TR Datasheet HTML 7Page - Will Semiconductor Ltd. WNMD2183-6/TR Datasheet HTML 8Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WNMD2183
Will Semiconductor Ltd.
2
Electronics Characteristics (Ta=25oC, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Source to Source Voltage
VSSS
VGS =0 V, IS = 250uA
12
V
Zero Gate Voltage Drain Current
ISSS
VSS =10 V, VGS =0V
TEST CIRCUIT 1
1uA
Gate Leakage Current
IGSS
VSS =0V, VGS =±10V
TEST CIRCUIT 2
±10
uA
ON CHARACTERISTICS
Gate to Source Cut-off Voltage
VGS(off)
VGS =VSS,IS = 250uA
TEST CIRCUIT 3
0.45
0.7
1.0
V
Source to Source On-state
Resistance
RSS(on)
VGS =4.5V, IS =3.0A
TEST CIRCUIT 5
3.5
5.0
6.0
mΩ
VGS =3.8V, IS =3.0A
TEST CIRCUIT 5
3.8
5.5
6.6
VGS =3.1V, IS =3.0A
TEST CIRCUIT 5
4.1
6.0
8.0
VGS =2.5V, IS =3.0A
TEST CIRCUIT 5
4.5
7.0
11
Forward Transfer Admittance
| yfs |
VSS =10V, IS =3A
TEST CIRCUIT 4
12
S
BODY DIODE CHARACTERISTICS
Body Diode Forward Voltage
VF(S-S)
VGS =0V, IF =6.0A
TEST CIRCUIT 6
0.8
1.5
V
SWITCHING CHARACTERISTICS
Turn-On Delay Time
td(ON)
VGS =4.5 V, VSS=8V,
IS=6A,RG=6Ω
TEST CIRCUIT 8
0.69
us
Rise Time
tr
18.8
Turn-Off Delay Time
td(OFF)
6.02
Fall Time
tf
4.2
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS =0V, f=1kHz,
VSS =10V
TEST CIRCUIT 7
2918
pF
Output Capacitance
COSS
402
Reverse Transfer Capacitance
CRSS
376
Total Gate Charge
QG(TOT)
VG1S1 =4.5 V, VSS =10V,
IS =6A
TEST CIRCUIT 9
47
nC
Threshold Gate Charge
QG(TH)
3.2
Gate-to-Source Charge
QGS
8
Gate-to-Drain Charge
QGD
10
2017/09/13-Rev.1.0



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com