| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM80C85AHGS bảng dữ liệu(PDF) 21 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM80C85AHGS bảng dữ liệu(HTML) 21 Page - OKI electronic componets |
|
21 / 29 page ![]() 21/29 ¡ Semiconductor MSM80C85AHRS/GS/JS LOGICAL ANA r XRA r ORA r CMP r ANA M XRA M ORA M CMP M ANI XRI ORI CPI Mnemonic Description Instruction Code (1) Clock (2) Cycles 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 S S S S 1 1 1 1 1 1 1 1 S S S S 1 1 1 1 1 1 1 1 S S S S 0 0 0 0 0 0 0 0 D7 D6 D5 D4 D3 D2 D1 D0 4 4 4 4 7 7 7 7 7 7 7 7 Add register with A Exclusive Or register with A Or register with A Compare register with A And memory with A Exclusive Or Memory with A Or memory with A Compare memory with A And immediate with A Exclusive Or immediate with A Or immediate with A Compare immediate with A ROTATE RLC RRC RAL RAR 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 4 4 4 4 Rotate A left Rotate A right Rotate A left through carry Rotate A right through carry SPECIALS CMA STC CMC DAA 0 0 0 0 0 0 0 0 1 1 1 1 0 1 1 0 1 0 1 0 1 1 1 1 1 1 1 1 1 1 1 1 4 4 4 4 Complement A Set carry Complement carry Decimal adjust A CONTROL EI DI NOP HLT RIM SIM 1 1 0 0 0 0 1 1 0 1 0 0 1 1 0 1 1 1 1 1 0 1 0 1 1 0 0 0 0 0 0 0 0 1 0 0 1 1 0 1 0 0 1 1 0 0 0 0 4 4 4 5 4 4 Enable Interrupts Disable Interrupts No-operation Halt (Power down) Read Interrupt Mask Set Interrupt Mask Table 8 Instruction Set Summary cont'd Notes: (1) DDD or SSS. B 000. C 001. D 010. E 011. H 100. L 101. Memory 110. A 111. (2) Two possible cycle times, (6/12) indicate instruction cycles dependent on condition flags. Precautions for operation (1) When the oscillation circuit is to be used, keep the RES input low until the oscillation is sufficiently stabilized after power is turned on. (2) When power is turned on, the output level (SOD etc.) is unknown before the equipment is reset. (3) Bug of MSM80C85A–2 at power down has fixed. (4) Because Spike Noise would be output on HLDA, RESET OUT and CLK pins, depending on the customers condition of usage; please take into account this issue at System Board design. |