công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F636TE/SS bảng dữ liệu(PDF) 47 Page - Microchip Technology

tên linh kiện PIC16F636TE/SS
Giải thích chi tiết về linh kiện  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/SS bảng dữ liệu(HTML) 47 Page - Microchip Technology

Back Button PIC16F636TE/SS Datasheet HTML 43Page - Microchip Technology PIC16F636TE/SS Datasheet HTML 44Page - Microchip Technology PIC16F636TE/SS Datasheet HTML 45Page - Microchip Technology PIC16F636TE/SS Datasheet HTML 46Page - Microchip Technology PIC16F636TE/SS Datasheet HTML 47Page - Microchip Technology PIC16F636TE/SS Datasheet HTML 48Page - Microchip Technology PIC16F636TE/SS Datasheet HTML 49Page - Microchip Technology PIC16F636TE/SS Datasheet HTML 50Page - Microchip Technology PIC16F636TE/SS Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 45
PIC12F635/PIC16F636/639
4.2.4.2
RA1/C1IN-/VREF/ICSPCLK
Figure 4-2 shows the diagram for this pin. The RA1 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input to the comparator
• In-Circuit Serial Programming clock
FIGURE 4-2:
BLOCK DIAGRAM OF RA1
4.2.4.3
RA2/T0CKI/INT/C1OUT
Figure 4-3 shows the diagram for this pin. The RA2 pin
is configurable to function as one of the following:
• a general purpose I/O
• the clock input for TMR0
• an external edge-triggered interrupt
• a digital output from the comparator
FIGURE 4-3:
BLOCK DIAGRAM OF RA2
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
EN
Q
D
EN
Q
Data Bus
WR
WPUDA
RD
WPUDA
RD PORTA
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
Interrupt-on-
To Comparator
RAPU
Analog
Input Mode(1)
change
D
Q
CK
Q
WR
WDA
RD
WDA
VDD
Weak
Weak
VSS
Analog
Input Mode(1)
Q3
Note
1:
Comparator mode determines Analog Input mode.
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
EN
Q
D
EN
Q
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
0
1
C1OUT
To INT
To TMR0
RD PORTA
Interrupt-on-
change
D
Q
CK
Q
Data Bus
WR
WPUDA
RD
WPUDA
RAPU
D
Q
CK
Q
WR
WDA
RD
WDA
VDD
Weak
Weak
VSS
C1OUT
Enable
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More