công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F636TE/SL bảng dữ liệu(PDF) 49 Page - Microchip Technology

tên linh kiện PIC16F636TE/SL
Giải thích chi tiết về linh kiện  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/SL bảng dữ liệu(HTML) 49 Page - Microchip Technology

Back Button PIC16F636TE/SL Datasheet HTML 45Page - Microchip Technology PIC16F636TE/SL Datasheet HTML 46Page - Microchip Technology PIC16F636TE/SL Datasheet HTML 47Page - Microchip Technology PIC16F636TE/SL Datasheet HTML 48Page - Microchip Technology PIC16F636TE/SL Datasheet HTML 49Page - Microchip Technology PIC16F636TE/SL Datasheet HTML 50Page - Microchip Technology PIC16F636TE/SL Datasheet HTML 51Page - Microchip Technology PIC16F636TE/SL Datasheet HTML 52Page - Microchip Technology PIC16F636TE/SL Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 47
PIC12F635/PIC16F636/639
4.2.4.5
RA4/T1G/OSC2/CLKOUT
Figure 4-5 shows the diagram for this pin. The RA4 pin
is configurable to function as one of the following:
• a general purpose I/O
• a TMR1 gate input
• a crystal/resonator connection
• a clock output
FIGURE 4-5:
BLOCK DIAGRAM OF RA4
4.2.4.6
RA5/T1CKI/OSC1/CLKIN
Figure 4-6 shows the diagram for this pin. The RA5 pin
is configurable to function as one of the following:
• a general purpose I/O
•a TMR1 clock input
• a crystal/resonator connection
• a clock input
FIGURE 4-6:
BLOCK DIAGRAM OF RA5
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
EN
Q
D
EN
Q
XTAL
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
Fosc/4
Oscillator
Circuit
OSC1
CLKOUT
0
1
CLKOUT
Enable
Enable
RD PORTA
T1G To Timer1
INTOSC/
RC/EC(2)
CLKOUT
Enable
Note
1:
Oscillator modes are XT, HS, LP, LPTMR1 and
CLKOUT Enable.
2:
With CLKOUT option.
Interrupt-on-
change
D
Q
CK
Q
Data Bus
WR
WPUDA
RD
WPUDA
RAPU
D
Q
CK
Q
WR
WDA
RD
WDA
VDD
Weak
Weak
VSS
CLK(1) Modes
Q3
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
EN
Q
D
EN
Q
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
T1G To Timer1
INTOSC
Mode
RD PORTA
OSC2
(2)
Note
1:
Oscillator modes are XT, HS, LP and LPTMR1.
2:
When using Timer1 with LP oscillator, the
Schmitt Trigger is bypassed.
Interrupt-on-
change
Oscillator
Circuit
D
Q
CK
Q
Data Bus
WR
WPUDA
RD
WPUDA
RAPU
D
Q
CK
Q
WR
WDA
RD
WDA
VDD
Weak
Weak
VSS
CLK(1) Modes
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com