| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM7702 bảng dữ liệu(PDF) 13 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7702 bảng dữ liệu(HTML) 13 Page - OKI electronic componets |
|
13 / 17 page ![]() ¡ Semiconductor MSM7702-01/02/03 13/17 TIMING DIAGRAM PCM Data Input/Output Timing BCLK 123456789 10 XSYNC PCMOUT D2 D3 D4 D5 D6 D7 D8 MSD tXS tSX tWS tSD tXD1 tXD2 tXD3 BCLK 123456789 10 RSYNC PCMIN D2 D3 D4 D5 D6 D7 MSD tRS tSR tWS tDS tDH D8 Transmit Timing Receive Timing , 11 When tXS £ 1/2 • Fc, the Delay of the MSD bit is defined as tXD1. When tSX £ 1/2 • Fc, the Delay of the MSD bit is defined as tSD. 11 , |