| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLE-DM bảng dữ liệu(PDF) 3 Page - Sanyou Corporation Limited |
|
|
|||||||||||||||||||||||||||||
SLE-DM bảng dữ liệu(HTML) 3 Page - Sanyou Corporation Limited |
|
3 / 3 page ![]() Typical Applications ● Photovoltaic controller,Charging pile,New energy automobile SLE P C B Layout bottom view .. . ( ) Wiring Diagram bottom view () 3/3 100 40 30 20 15 10 1 10 100 200 1000 1a AC load Characteristic Curves Contact Voltage V () Max Switching Power . Contact Current A () Endurance Curve Note If you choose the sealed type before using please remove the convex platform at the top of the case to ensure the :, , . normal performance of the relay after the completion of a PCB operations they are as shown in the following diagram : with convex platform convex platform without convex platform ., , Dongguan Sanyou Electrical appliance Co LTD All rights of Sanyou to reserved 100 30 10 1 010 20 30 40 1a Disclaimer: This datasheet is the customers' reference. All the specification are subject to change without notice. We could not evaluate all the performance and all the parameters for every possible application.Thus the user should in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning, However it is the user's responsibility to determine which product should be used only. please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service. |