công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SARD-S-112DM3 bảng dữ liệu(PDF) 2 Page - Sanyou Corporation Limited

tên linh kiện SARD-S-112DM3
Giải thích chi tiết về linh kiện  Miniature PCB Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYOU [Sanyou Corporation Limited]
Trang chủ  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARD-S-112DM3 bảng dữ liệu(HTML) 2 Page - Sanyou Corporation Limited

  SARD-S-112DM3 Datasheet HTML 1Page - Sanyou Corporation Limited SARD-S-112DM3 Datasheet HTML 2Page - Sanyou Corporation Limited SARD-S-112DM3 Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
SARD
6
9
12
18
24
133.33
89.00
66.67
44.44
33.33
45
101
180
405
720
130% of
nominal voltage
57.5% of
nominal voltage
10% of
nominal voltage
ca 0.80W
1
6
0.365
0.365
Flashlight
Contact
Voltage
Load Type
Contact Current(A)
Duty Factor
Electrical Endurance
NO
NC
on
(S)
off
(S)
off
on
off
on
2x10
14VDC
6x21W
1
9
Lamp
off
on
90
8.8
_
_
6
1x105
2x105
Lamp
(3)
3x21W
_
Note:(1) Material of spring is high conductive
(2) It means the surge current of motor LRA
(3) Initial peak current of filament
Coi l Res istance Max continuous
Voltage
Pick-up Voltage
(Max.)
Drop-out Voltage
(Min.)
Nominal Operating
Pow er
130% of
nominal voltage
60% of
nominal voltage
10% of
nominal voltage
ca 0.60W
(at 20℃)
Nominal Voltage
(VDC)
Coil Data
6
9
12
18
24
100.00
66.67
50.00
33.33
25.00
60
135
240
540
960
Ordering Information
Nomenclature
SARD -S - 1 12 D M 1 - XX
Contact Form:Nil-Form C,B-Form B,M-Form A
Coil Power:D-0.6W,H-0.8W
Coil Voltage(VDC):05 , 06,09,12,24
Number of Poles:1-1Pole
Protective Construction:S-Fluxproof,SH-sealed type washable
Type Designation:SARD
Contact Material:
Nil-AgSnO2 φ3.0
1-Ag dO
φ2.8
C
2-AgSnO2 φ2.8
3-AgCdO
φ3.0
4-3 Compounds
φ3.0
5-Cu plated with La φ3.0
Form B
Form C
Nil-AgSnO2 φ3.2
1-Ag dO
φ3.2
C
2-AgSnO2 φ2.8
3-AgCdO
φ2.8
Form A
Nil-AgSnO2 φ3.2
1-Ag dO
φ3.2
C
2-AgSnO2 φ2.8
3-AgCdO
φ2.8
1.stationary contact specified:φ3.0 φ2.8moveable contact fit with
φ2.8 stationary contact, other moveable contacts are all suitable
with φ3.0 stationary contacts.
(1)
(1)
(1)
Nominal Current
(VDC)
Special Parameter:Nil-Standard Type,
Letter or Number-Special requirement
2.moveable contact of AgCdO fit with AgCdO, other moveable contacts are all suitable with AgSnO2.
5
120.00
42
5
160.00
31



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com