công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES1BF bảng dữ liệu(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

tên linh kiện ES1BF
Giải thích chi tiết về linh kiện  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Trang chủ  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES1BF bảng dữ liệu(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES1BF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES1BF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES1BF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Forward Voltage at 1 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at T = 100
°C
L
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
Typical Junction Capacitance
at V =4V, f=1MHz
R
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
T , T
j
stg
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
V
0.8
25
1.1
5
50
9
35
-55 ~ +150
A
A
V
μA
ns
°C
Symbols
Ratings at
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
25
°C
Absolute Maximum Ratings and Characteristics
Maximum Reverse Recovery Time
trr
pF
Units
50
100
150
200
300
400
600
1.3
1.7
Typical Thermal Resistance
RθJA
115
°C/W
2)
1
)Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
)P.C.B. mounted with 0.2 X 0.2" (5 X 5 mm) copper pad areas.
2
1)
ES1AF
S1BF
S1CF
S1DF
S1EF
S1GF
S1JF
Reverse Voltage – 50 to 600 V
Forward Current –0.8 A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMAF and symbol
MECHANICAL DATA
•
• Terminals: Solderable per MIL-STD-750, Method 2026
•
pprox. Weight: 27mg / 0.00095oz
Case: SMAF
A
FEATURES
For surface mounted applications
• Low profile package
• Glass Passivated Chip Junction
• Superfast reverse recovery time
• Lead free in comply with EU RoHS 2011/65/EU directives
•
1
2
ES1AF THRU ES1JF
Surface Mount Superfast Rectifiers
E
E
E
E
E
E
http://www.trr-jx.com
version: 02


Số phần tương tự - ES1BF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
ES1BF PANJIT-ES1BF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Microdiode Semiconducto...
ES1BF CHENDA-ES1BF Datasheet
628Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1BF YFWDIODE-ES1BF Datasheet
138Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
SUNMATE electronic Co.,...
ES1BF SUNMATE-ES1BF Datasheet
336Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
Guangdong Juxing Electr...
ES1BF JUXING-ES1BF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
More results

Mô tả tương tự - ES1BF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com