| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL320GT70PCFN bảng dữ liệu(PDF) 41 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29DL320GT70PCFN bảng dữ liệu(HTML) 41 Page - SPANSION |
|
41 / 58 page ![]() September 27, 2004 Am29DL320G 39 AC CHARACTERISTICS Word/Byte Configuration (BYTE#) Parameter Speed Options JEDEC Std Description 70 90 120 Unit t ELFL/tELFH CE# to BYTE# Switching Low or High Max 5 ns t FLQZ BYTE# Switching Low to Output HIGH Z Max 16 ns t FHQV BYTE# Switching High to Output Active Min 70 90 120 ns DQ15 Output Data Output (DQ7–DQ0) CE# OE# BYTE# t ELFL DQ14–DQ0 Data Output (DQ14–DQ0) DQ15/A-1 Address Input t FLQZ BYTE# Switching from word to byte mode DQ15 Output Data Output (DQ7–DQ0) BYTE# t ELFH DQ14–DQ0 Data Output (DQ14–DQ0) DQ15/A-1 Address Input t FHQV BYTE# Switching from byte to word mode Figure 16. BYTE# Timings for Read Operations Note: Refer to the Erase/Program Operations table for t AS and tAH specifications. Figure 17. BYTE# Timings for Write Operations CE# WE# BYTE# The falling edge of the last WE# signal t HOLD (tAH) t SET (t AS) |