| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM45083 bảng dữ liệu(PDF) 13 Page - TOKYO SEIMITSU CO., LTD |
|
|
|||||||||||||||||||||||||||||
DM45083 bảng dữ liệu(HTML) 13 Page - TOKYO SEIMITSU CO., LTD |
|
13 / 20 page ![]() Name Model External view V Holder (mm) Chucking (mm) Vice (mm) Clamp (mm) Flat surface (mm) Allowable load (net wt.) (kg) Remarks Double-side open vice E-WJ-S01B Inside: 59 outside: 38 to 105 5 (0.8) Consult us when combining with the tilt stand. V-stand set E-WJ-S02A Φ 1 to Φ 150 (1.5) Provided with workpiece clamper V-stand holder set E-WJ-S04A Φ 12 to Φ 150 (3) Two pieces used just for T-groove clamp Compact stand E-WJ-S05A Φ 4 to Φ 10 (0.4) Load plate E-WJ-S06A 150 × 150 angle plate (1) Scroll chuck E-WJ-R01C OD: Φ 2 to Φ 79 ID: Φ 56 to Φ 90 (1) Iris chuck E-WJ-R10A E-WJ-R378A OD: Φ 5 to Φ 110 OD: Φ 5 to Φ 150 00 ( 3 ) 00 ( 5 ) Manufactured after receipt of order Clamp set JC-3 Height 40 to 60 - Ceramic load plate E-WJ-S252A 300 × 300 angle plate (5.3) Manufactured after receipt of order E-WJ-S234A 500 × 500 angle plate (15) Manufactured after receipt of order Holders Applicable models S480 S1400 S1500 S2000 S5000 C1600 S1800 C1700/C1710 S1900/S1910 S2000 C2600 S2800 C2700 S2900 S-NEX Standard Inventory Parts V-stand set E-WJ-S02A X-direction movement adjustment stand E-AT-S08A Adjustment stand E-AT-S04A Scroll chuck E-WJ-R01C Leveling adjustment stand E-AT-S02A Universal stand E-WJ-S03A Adjustment stand E-AT-S04A V-stand set E-WJ-S02A Adjustment stand E-AT-S05A Tracing driver E-RM-S76A Adjustment stand E-AT-S01D V-stand set E-WJ-S02A X-direction movement adjustment stand E-AT-S08A Double-side open vice E-WJ-S01B Universal stand E-WJ-S03A Adjustment stand E-AT-S01D V-holder set E-WJ-S04A Sample Adjustment Stand/Holder Configurations 93 TOKYO SEIMITSU |