| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BML100PI bảng dữ liệu(PDF) 1 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BML100PI bảng dữ liệu(HTML) 1 Page - Bosch Sensortec GmbH |
|
1 / 2 page ![]() GENERAL DESCRIPTION The BML100PI module provides a complete, ready-to-use solution for interactive projection, enabling highly flexible virtual touchscreens. The generated laser beam creates a focus-free image on any surface and then scans it line-by-line to detect any gestures or finger movements. No calibration or adjustment is required for accurate gesture and touch recognition. The BML100PI delivers a highly intuitive user experience, as a fully flexible alternative compared to a static, physical screen. The module combines all hardware components as well as the single-/multi-touch algorithms to integrate into customer systems as a stand-alone or an embedded solution. The BML100PI can be used to create 'smart shelves' consisting of several simultaneous projections on the individual shelves in refrigerator, cupboards, kitchen cabinets or wardrobes. One module provides touchscreen functionality on up to six surfaces. With the Interactive Projection Module, every regular shelf can turn into a personal assistant for the user, enhancing comfort in people’s daily life. Picture source: Bosch Sensortec THE MAIN BENEFITS Focus-free virtual touchscreen on any surface independent of surface characteristics like dark, coloured, graded or curved Projection is always in focus – no need for adjustment or calibration Small size and compact design enables a flexible and efficient integration of interactive projection in smart home and IoT devices Ready-to use solution: projection and interactivity combined in one package Intuitive user experience thanks to reliable gesture or touch recognition Bosch Sensortec BML100PI Interactive Projection Module TARGET APPLICATIONS Smart shelf with multiple layers in e.g. home appliances, kitchen cabinets or wardrobes enabling features such as stock management, shopping and social media sharing Augmented reality applications e.g. e-learning Virtual touch screens as extensions to digital assistants to e.g. support online shopping Primary or secondary virtual touchscreen for IoT applications, home appliances, industrial applications e.g. robotic, hand-held devices or integration in machines |
Số phần tương tự - BML100PI |
|
Mô tả tương tự - BML100PI |