công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS30 bảng dữ liệu(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

tên linh kiện SS30
Giải thích chi tiết về linh kiện  New standard for semi-automatic dicers with enhanced operability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Trang chủ  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

SS30 bảng dữ liệu(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  SS30 Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD SS30 Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. work size
Main Features
Accommodates various types of workpieces as standard option:
1: 12-inch frame
2: 300 * 250 mm workpiece
Standard Spindles up to 60,000 rpm
Option:High speed spindle 80,000 rpm
High power spindle 2.2 kW(30,000 rpm)
Enhanced throughput
X axis 800mm/sec, Y axis 300mm/sec, and Z axis 80mm/sec
17” LCD touch panel and new GUI
(Graphical User Interface)
with simple layout and
large touch-buttons allow users’
interactive operation
Easy and simple
Kerf check function
(AI kerf check function)
Stores over 10,000 recipes
USB port as standard option
(USB memory device can be used as external memory)
Ease-of-maintenance
Wide maintenance door and front-side accessibility allows easy routine
maintenance
Optimized vacuum controller
reduces 50% of air consumption compared with existing model
1
2
3
4
5
6
7
8
9
New GUI
Max. number of frames
Spindle
Φ 12inch,
□300x250 mm
12 inch
60,000 min-1
Φ 60 mm (2-Inch)
1.8 kW
Available cutting range
Max. Speed
Available cutting range
Max. Speed
Accuracy
310 mm
800 mm/sec
310 mm
300 mm/sec
0.002 mm / 310 mm
Stroke
Max. Speed
Repeatability
Range of rotation
Voltage
35 mm
80 mm/sec
0.001 mm
380°
3 Phase AC200 to 220V ±10 %
(Transformer adoptable)
Power consumption
Air pressure
Avg. Air consumption
Cutting Water,
and others (pressure)
4.0 kVA(MAX)
0.55 to 0.7 MPa
180 L/min(0.55 MPa)
0.3 to 0.5 MPa
Cutting Water,
and others (Max Flow)
Cooling Water (pressure)
Cooling Water (Max Flow)
Exhaust
2.0 L/min
0.3 to 0.5 MPa
1.9 L/min(0.3 MPa)
5 m3/min more
890 mm×1,000 mm×1,560 mm
800 kg
Max. blade diameter
Rotation
Rated Output
X axis
Y axis
Z axis
θ axis
Misc
Size (W*D*H)
Weight
Specifications
Large access area is secured.
Maintenance
International Marketing Dept. (Japan)
2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan
TEL: +81(0)42-642-0381 FAX: +81(0)42-631-5234 URL http://www.accretech.jp
C-92-654-E-1505



Html Pages

1 2