| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS20 bảng dữ liệu(PDF) 2 Page - TOKYO SEIMITSU CO., LTD |
|
|
|||||||||||||||||||||||||||||
SS20 bảng dữ liệu(HTML) 2 Page - TOKYO SEIMITSU CO., LTD |
|
2 / 2 page ![]() Max. work size Main Features Accommodates various types of workpieces as standard option: 1: 12-inch frame 2: 250 * 250 mm workpiece Standard Spindles up to 60,000 rpm Option:High speed spindle 80,000 rpm High power spindle 2.2 kW(30,000 rpm) Enhanced throughput X axis 800mm/sec, Y axis 300 mm/sec, and Z axis 80 mm/sec 17” LCD touch panel and new GUI (Graphical User Interface) with simple layout and large touch-buttons allow users’ interactive operation Easy and simple Kerf check function (AI kerf check function) Stores over 10,000 recipes USB port as standard option (USB memory device can be used as external memory) Ease-of-maintenance Wide maintenance door and front-side accessibility allows easy routine maintenance Optimized vacuum controller reduces 50% of air consumption compared with existing model 1 2 3 4 5 6 7 8 9 New GUI Max. number of frames Spindle Φ 8inch, □250 mm 12 inch 60,000 min-1 Φ 60 mm (2-Inch) 1.8 kW Available cutting range Max. Speed Available cutting range Max. Speed Accuracy 260 mm 800 mm/sec 260 mm 300 mm/sec 0.002 mm / 260 mm Stroke Max. Speed Repeatability Range of rotation Voltage 35 mm 80 mm/sec 0.001 mm 380° 3 Phase AC200 to 220 V ±10 % (Transformer adoptable) Power consumption Air pressure Avg. Air consumption Cutting Water, and others (pressure) 4.0 kVA(MAX) 0.55 to 0.7MPa 180 L/min(0.55 MPa) 0.3 to 0.5 MPa Cutting Water, and others (Max Flow) Cooling Water (pressure) Cooling Water (Max Flow) Exhaust 2.0 L/min 0.3 to 0.5 MPa 1.9 L/min(0.3 MPa) 5 m3/min more 890 mm×1,000 mm×1,560 mm 792 kg Max. blade diameter Rotation Rated Output X axis Y axis Z axis θ axis Misc Size (W*D*H) Weight Specifications Large access area is secured. Maintenance International Marketing Dept. (Japan) 2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan TEL: +81(0)42-642-0381 FAX: +81(0)42-631-5234 URL http://www.accretech.jp C-92-651-E-1505 |