| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS10 bảng dữ liệu(PDF) 2 Page - TOKYO SEIMITSU CO., LTD |
|
|
|||||||||||||||||||||||||||||
SS10 bảng dữ liệu(HTML) 2 Page - TOKYO SEIMITSU CO., LTD |
|
2 / 2 page ![]() Max. work size Main Features Corresponds to various types of workpieces as standard Standard Spindles up to 60,000 rpm Enhanced throughput X axis 750mm/sec, Y axis 180 mm/sec, and Z axis 80 mm/sec 17” LCD touch panel and new GUI (Graphical User Interface) with simple layout and large touch-buttons allow users’ interactive operation Easy and simple Kerf check function (AI kerf check function) Stores over 10,000 recipes USB port as standard option (USB memory device can be used as external memory) Optimized vacuum controller reduces 50% of air consumption compared with existing model 1 2 3 4 5 6 7 8 New GUI C-92-681-E-1505 Max. number of frames Spindle Φ 6 inch, □152 mm 6 inch 60,000 min-1 Φ 60 mm (2-Inch) 1.8 kW Available cutting range Max. Speed Available cutting range Max. Speed Accuracy 160 mm 750 mm/sec 162 mm 180 mm/sec 0.005 mm / 162 mm Stroke Max. Speed Repeatability Range of rotation Voltage 35 mm 80 mm/sec 0.001 mm 320° 3 Phase AC200 to 220 V ±10 % (Transformer adoptable) Power consumption Air pressure Avg. Air consumption Cutting Water, and others (pressure) 4.0 kVA (MAX) 0.55 to 0.7 MPa 180 L/min (0.55 MPa) 0.3 to 0.5 MPa Cutting Water, and others (Max Flow) Cooling Water (pressure) Cooling Water (Max Flow) Exhaust 2.0 L/min 0.3 to 0.5 MPa 1.9 L/min (0.3MPa) 3 m3/min more 495 mm×880 mm×1715 mm 389 kg Max. blade diameter Rotation Rated Output X axis Y axis Z axis θ axis Misc Size (W*D*H) Weight International Marketing Dept. (Japan) 2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan TEL: +81(0)42-642-0381 FAX: +81(0)42-631-5234 URL http://www.accretech.jp Specifications Improved the operability with 17” touch panel. Operability |