công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HOLOS bảng dữ liệu(PDF) 3 Page - TOKYO SEIMITSU CO., LTD

tên linh kiện HOLOS
Giải thích chi tiết về linh kiện  Free-form Curved Surface Measuring Program
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Trang chủ  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

HOLOS bảng dữ liệu(HTML) 3 Page - TOKYO SEIMITSU CO., LTD

  HOLOS Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD HOLOS Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD HOLOS Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD HOLOS Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
38
TOKYO SEIMITSU
HOLOS Digitize provides speedy and highly accurate incorporation of a model (unknown free-form curved surface)
and generation of a surface required for CAD.
Dimension is software that generates NURBS (Non Uniform Rational Basis Splines) curves and NURBS planes from
3D point groups, triangle patches, from free-form curves and free-form plane surfaces. Data can be shared via files
with other non-contact form measuring machines.
●
Digitizing with HOLOS
HOLOS Digitize provides digitizing of curves and surfaces in the HOLOS environment. Digitized elements can be added to an exist-
ing HOLOS model and measuring evaluation can be performed directly by HOLOS. It is possible to export the data in various data
formats.
●
Accurate Model Data
HOLOS Digitize automatically converts all workpice surface values that have been incorporated by Digitize into the appropriate CAD
data. This newly generated surface data can be used directly for workpiece measuring (reverse engineering).
■HOLOS Digitize Free-Form Curved Surface Data Generation Software (option)
■Dimension NT: Free-Form Curved Surface Generation Program (option)
Features
● Faster product development process cycle shortens the time
to bring a product to market.
● Design modeling is incorporated into the process chain to
reduce development costs.
● Digital die and model changes for easy delivery to the CAD
system.
● Both contact and non-contact sensors for high-speed and
accurate collection of point group data from the workpiece,
which can be used for surface generation.
● The best solution to problems concerning reverse engineering
and model archiving.
Supported geometric forms
● Points
Irregular point group, scanning lines, grids
● Curves
Poly lines, straight lines, circles Free-form curves (NURBS)
CONS (Curve On Surface)
● Surfaces
Planes, cylinders, cones, spheres
Free-form surfaces (NURBS)
Faces (trimmed surfaces)
Triangular patch smoothing
Scope of Functions
● Digitize
Unknown contour scanning region
Re-digitize maintaining boundary
Multiple scanning line integration
Re-digitize surface/face
● Conversion
Rotation, parallel move, mirror image
● Analyze
Inter point group and inter surface distance
(Design value verification)
Surface curvature analysis
Normal direction
● Data exchange Import/export: IGES, HOLOS, VDA
Import: ASCII (point group, triangle patch)
Export: STL (Triangle patch only)
OFF (Triangle patch only)
Digitized point groups
Finished surface model using trimmed sur-
face (face)
2-dimensional curve generated on surface
(CONS)
Surface generated (simulated) based on
point groups
Scanning line generation from digitized points
Surface generation from scanning lines
HOLOS-NT enables measurement of highly difficult work-
pieces, such as an entire door with a single software
application.
HOLOS Geo supports measurement of standard geomet-
ric elements, while HOLOS Light and HOLOS Extended
enable measurement of complex free-form curves, provid-
ing support for just about any type of measuring imaginable.
Coordinate Measuring Machine
HOLOS



Html Pages

1 2 3 4