| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACCTEE bảng dữ liệu(PDF) 8 Page - TOKYO SEIMITSU CO., LTD |
|
|
|||||||||||||||||||||||||||||
ACCTEE bảng dữ liệu(HTML) 8 Page - TOKYO SEIMITSU CO., LTD |
|
8 / 11 page ![]() Surface Texture – Contour Measuring Instruments Software ACCTee, the standard software used with Contourecord DX3 and SD3 series contour measurement system, is based on a new concept in contour profile measurement that combines document-based measurement and analysis with leading-edge operability and an intuitive work environment. Setting wizards simplify instrument setup and configuration, making it possible for anyone to easily perform a variety of measurement and analysis tasks, optimizing throughput and performance. Flexible Analysis of Measurement Data Once imported into ACCTee, measurement data can be displayed on a preview screen where you can adjust various measurement conditions and re-analyze as many times as necessary. This allows you to display a hypotheti- cal result and to optimize measurement conditions. Simple Operation A Wizard mode guides users through any measurement operation with easy-to-follow step-by-step instructions. “Favorite box” stores frequently used commands to enhance operability. Functions to Meet Customer’s Needs A comprehensive suite of basic, easy-to-use functions essential to profile analysis enable you quickly and effi- ciently measure various workpieces with high precision. Fully Automatic Operation Enhances Operability Measuring procedures including column up-and-down and tracing driver movement are automatically registered just by clicking the re-measurement icon. Display of contour analysis result Contour Profile Measurement and Analysis System Data processing software Contour Profile Measurement and Analysis System 60 TOKYO SEIMITSU |