| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WRZ bảng dữ liệu(PDF) 1 Page - D+H Mechatronic AG |
|
|
|||||||||||||||||||||||||||||
WRZ bảng dữ liệu(HTML) 1 Page - D+H Mechatronic AG |
|
1 / 2 page ![]() Modules Operation elements Weather sensors Performance features » Compact ventilation control panel » For activating 230 V AC ventilation drives » For controlling up to 20 ventilation groups in conjunction with cut‑off relay modules » Input for external controller, e.g. timer » Central weather monitoring function (central CLOSED) in conjunction with multiple TRL 8 » LED displays for wind and rain » Adjustable switch point of the wind strength (4 or 6 Bft.) » Exceeding wind switching threshold and automatic mode ON / OFF » Optional connection to rain detectors or wind / rain sensors without an additional module » Surface‑mounted plastic housing WRZ Series CNV control panel WRZ Accessories We reserve the right to make changes. ©2018 D+H Mechatronic AG, Ammersbek |
Số phần tương tự - WRZ |
|
Mô tả tương tự - WRZ |